Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1250B7 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT1250B7
Description  LVPECL Terminators RoHS Compliant Parts Available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT1250B7 Datasheet(HTML) 1 Page - CTS Corporation

  RT1250B7 Datasheet HTML 1Page - CTS Corporation RT1250B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
March 06
www.ctscorp.com
LVPECL Terminators
LVPECL Terminators
Technical
Data Sheet
RoHS Compliant Parts Available
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2250B7TR7
13 inch reel, Add TR13 to part
number, example RT2250B7TR13
(Bulk packaging is not available)
Direction of Feed
Typical Application
LVPECL
RECEVERS
LVPECL
DRIVERS
CTS
RT2250
V
CC
V
EE
R1
R2
Features
8 Bit Thevinin Termination Set
Compliant for LVPECL Termination
Excellent High Frequency Performance
Slim BGA Package
1% Resistor Tolerance
Low Channel to Channel Cross Talk
RoHS Compliant Designs Available
Compatible with both lead and lead-
free processes
Ordering Information
Standard
Part No.
R1
Ω
R2
Ω
Bits
Pitch (mm)
RoHS
Part No.
RT1250B6*
127
82.5
8
1.27
RT2250B6*
RT1250B7
127
82.5
8
1.00
RT2250B7
*Indicates available Top Probe-able part numbers.
Refer to the following link for detailed Top Side Probe-able information:
www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Description
These integrated termination networks provide high
performance line termination for LVPECL busses.
Specifically designed shielding inside the package combined
with a ceramic substrate virtually eliminates cross talk
between channels that is common in other termination
networks and resistor arrays.
The BGA packaging has been proven to reduce rework and
improve reliability.
R1
R2
Style G
DE
F
AB
C
G
H
1
2
3
VEE
VCC
R1
R2
Zo
Zo = 50 Ohms
Thevenin Vtt = 1.3Volts
VCC = 3.3 Volts
R1 = 127 Ohms
V
EE
= 0 Volts
R2 = 82.5 Ohms
LVPECL Thevenin Termination
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
± 200 ppm/°C
Operating Temperature Range
-55
°C to +125°C
B6-1.27mm Pitch
B7-1.00mm Pitch
Maximum Resistor Power:
R1
R2
96mw
96mw
60mW
66mW
Maximum Package Power:
1.0 Watt at 70
°C
Process Requirements:
Maximum Re-flow Temperature
Per IPC/JEDEC J-STD-020C


Similar Part No. - RT1250B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1250B7 CTS-RT1250B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1250B7TR13 CTS-RT1250B7TR13 Datasheet
70Kb / 2P
   Configuration Selector Guide
RT1250B7TR7 CTS-RT1250B7TR7 Datasheet
70Kb / 2P
   Configuration Selector Guide
More results

Similar Description - RT1250B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1415B7 CTS-RT1415B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com