Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP1-TO66-8U Datasheet(PDF) 7 Page - CTS Corporation

Part # HP1-TO66-8U
Description  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

HP1-TO66-8U Datasheet(HTML) 7 Page - CTS Corporation

  HP1-TO66-8U Datasheet HTML 1Page - CTS Corporation HP1-TO66-8U Datasheet HTML 2Page - CTS Corporation HP1-TO66-8U Datasheet HTML 3Page - CTS Corporation HP1-TO66-8U Datasheet HTML 4Page - CTS Corporation HP1-TO66-8U Datasheet HTML 5Page - CTS Corporation HP1-TO66-8U Datasheet HTML 6Page - CTS Corporation HP1-TO66-8U Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
33. Hole pattern no. 185 accommodates three TO-66s.
Available in HP1 and HP3 series heat dissipators only.
34. Hole pattern no. 201 accommodates two TO-66s ICs.
Available in HP1 and HP3 series heat dissipators only.
35. Hole pattern no. 203 accommodates three TO-66 ICs.
Available in HP1 and HP3 series heat dissipators only.
27. Hole pattern no. 420 (Universal) accommodates T0-3s, T0-
66s, T0-126s, T0-127s, or T0-220s. Available in UP, UP1, UP2,
HP1, and HP3 series heat dissipators.
CTS IERC, Heat Sinks and Thermal Management Solutions
413 North Moss Street, Burbank, California 91502
Tel: (818) 842-7277
Fax: (818) 848-8872
Rev. 03-15-04


Similar Part No. - HP1-TO66-8U

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP1-0059L COILCRAFT-HP1-0059L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP1-0059L COILCRAFT-HP1-0059L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP1-0076L COILCRAFT-HP1-0076L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP1-0076L COILCRAFT-HP1-0076L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP1-0102L COILCRAFT-HP1-0102L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP1-TO66-8U

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A2 CTS-LA-A2 Datasheet
151Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B3 CTS-LA-B3 Datasheet
221Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com