Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2417B7 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT2417B7
Description  PCI & PCIX Network RoHS Compliant Parts Available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2417B7 Datasheet(HTML) 1 Page - CTS Corporation

  RT2417B7 Datasheet HTML 1Page - CTS Corporation RT2417B7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
March 06
www.ctscorp.com
PCI & PCIX Terminators
Style F
8 Bits
D
ABC
1
2
3
16 Bits
DE
F
ABC
G
H
1
2
3
Typical Application
Chip Set
VTT
VTT
RT24 17
Features
8 or 16 Bit Network
Compliant to PCI and PCIX
Ultra Low Channel Capacitance
Laser Trimmed Resistance to 1% Tolerance
Slim BGA Package
RoHS Compliant Designs Available
Compatible with both lead and lead free
processes
Ordering Information
1.00mm Pitch
Standard Part
No.
1.27mm Pitch
Standard Part
No.
Style
R
Ω
Array
Size
1.00mm Pitch
RoHS Part
No.
1.27mm Pitch
RoHS Part
No.
RT1415B7
RT1415B6
8 Bits
4.7K
3 x 4
RT2415B7
RT2415B6
RT1416B7
RT1416B6
8 Bits
8.2K
3 x 4
RT2416B7
RT2416B6
RT1417B7
RT1417B6
16 Bits
4.7K
3 x 8
RT2417B7
RT2417B6
RT1418B7
RT1418B6
16 Bits
8.2K
3 x 8
RT2418B7
RT2418B6
Description
This system bus bias network is designed to provide high
performance resistor bias termination for single ended
parallel busses.
Designed with a ceramic substrate, this device minimizes
channel capacitance, a primary cause of reduced system
performance. In addition, the BGA package eases routing
design, saving the designer many hours of printed circuit
layout.
The BGA packaging has been proven to reduce rework and
improve reliability.
PCI & PCIX Network
Technical
Data Sheet
RoHS Compliant Parts Available
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
±200ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.05 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Temperature
Per IPC/JEDEC J-STD-020C
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2415B7TR7
13 inch reel, Add TR13 to part
number, example RT2415B7TR13
(Bulk packaging is not available)
Direction of Fee d


Similar Part No. - RT2417B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2410B6 CTS-RT2410B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT2410B6TR13 CTS-RT2410B6TR13 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT2410B6TR7 CTS-RT2410B6TR7 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT2411B6 CTS-RT2411B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT2411B6TR13 CTS-RT2411B6TR13 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
More results

Similar Description - RT2417B7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com