Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT2430B6 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT2430B6
Description  DDR SDRAM Terminator RoHS Compliant Parts Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT2430B6 Datasheet(HTML) 1 Page - CTS Corporation

  RT2430B6 Datasheet HTML 1Page - CTS Corporation RT2430B6 Datasheet HTML 2Page - CTS Corporation RT2430B6 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
July 06
www.ctscorp.com
DDR SDRAM Terminator
Electrical Specifications
Resistor Tolerance:
± 1.0%
TCR
±200ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.05 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Re-flow Temperature
Per IPC/JEDEC J-STD-020C
Typical Application
Memory
Controller
DIMM
RT2400
VTT
VTT
Features
18 Bit SSTL_2 Termination Sets
Compliant to JEDEC Std. 8-9A
Excellent high frequency performance
Slim BGA Package
1% Resistor Tolerance
Low Channel Capacitance
RoHS Compliant Designs Available
Compatible with both lead and lead-free
manufacturing processes
Ordering Information
1.27mm Pitch
Standard Part
No.
1.00mm Pitch
Standard
Part No.
Style
R1
Ω R2 Ω Array
Size
1.27mm Pitch
RoHS Part No.
1.00mm Pitch
RoHS Part No.
RT1400B6*
RT1400B7*
H
50
25
3 x 9
RT2400B6*
RT2400B7*
RT1401B6
RT1401B7
H
25
22
3 x 9
RT2401B6
RT2401B7
RT1402B6*
RT1402B7*
F
50
-
3 x 9
RT2402B6*
RT2402B7*
RT1403B6*
RT1403B7*
F
25
-
3 x 9
RT2403B6*
RT2403B7*
RT1404B6*
RT1404B7*
C
25
-
4 x 9
RT2404B6*
RT2404B7*
RT1405B6*
RT1405B7*
C
22
-
4 x 9
RT2405B6*
RT2405B7*
RT1407B6*
RT1407B7*
F
35
-
3 x 9
RT2407B6*
RT2407B7*
RT1408B6*
RT1408B7*
H
60
25
3 x 9
RT2408B6*
RT2408B7*
RT1430B6
RT1430B7
F
60
-
3 x 9
RT2430B6
RT2430B7
RT1432B6
RT1432B7
F
120
-
3 x 9
RT2432B6
RT2432B7
RT1460B6
RT1460B7
C
50
-
4 x 9
RT2460B6
RT2460B7
RT1463B6*
RT1463B7
C
33
-
4 x 9
RT2463B6*
RT2463B7
RT1465B6
RT1465B7
C
47
-
4 x 9
RT2465B6
RT2465B7
RT1467B6*
RT1467B7*
F
75
-
3 x 9
RT2467B6*
RT2467B7*
RT1468B6*
RT1468B7*
F
150
-
3 x 9
RT2468B6*
RT2468B7*
*Indicates available Top Probe-able part numbers. Refer to the following link for detailed Top
Side Probe-able information: www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Description
This SSTL_2 terminator network provides high performance
resistor termination for SSTL_2 Class I or Class II systems.
Designed with a ceramic substrate, this device minimizes
channel capacitance, a primary cause of reduced system
performance. In addition, the BGA package eases routing
design, saving the designer many hours of printed circuit
layout.
The BGA packaging has been proven to reduce rework and
improve reliability.
R1
R2
DE
F
AB
C
G
H
1
2
3
J
DDR SDRAM Terminator
Technical
Data Sheet
RoHS Compliant Parts Available
DE
F
AB
C
G
H
J
1
2
3
DE
F
AB
C
G
H
J
1
2
4
3
Style H
Style F
Style C
R1
R1
R1
R1
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2400B6TR7
13 inch reel, Add TR13 to part
number, example RT2400B6TR13
(Bulk packaging is not available)
Direction of Feed


Similar Part No. - RT2430B6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT24-18 ETC2-RT24-18 Datasheet
1Mb / 12P
   Client Side Antennas
RT240128ASR ETC2-RT240128ASR Datasheet
26Kb / 1P
   1/64Duty 1/9 Bias Gray mode STN Transflective
RT240128ASRL ETC2-RT240128ASRL Datasheet
26Kb / 1P
   1/64Duty 1/9 Bias Gray mode STN Transflective
RT240PD ETC1-RT240PD Datasheet
704Kb / 10P
   Preliminary 10W Power Transistor
logo
CTS Corporation
RT2410B6 CTS-RT2410B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
More results

Similar Description - RT2430B6

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1710B6 CTS-RT1710B6 Datasheet
78Kb / 2P
   LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1415B7 CTS-RT1415B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
008-0520-0 CTS-008-0520-0 Datasheet
161Kb / 4P
   DDR SDRAM Terminator
logo
List of Unclassifed Man...
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
   DDR SDRAM TERMINATOR NETWORKS.
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com