Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT1722B7TR7 Datasheet(PDF) 1 Page - CTS Corporation

Part # RT1722B7TR7
Description  LVDS & LVPECL FPGA Terminator RoHS Compliant Parts Available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

RT1722B7TR7 Datasheet(HTML) 1 Page - CTS Corporation

  RT1722B7TR7 Datasheet HTML 1Page - CTS Corporation RT1722B7TR7 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 CTS Corporation. All rights reserved. Information subject to change.
CTS Electronic Components
Page 1
April 06
www.ctscorp.com
LDS & LVPECL FPGA Terminator
Style C
Style I
R1
R1
R1
R1
AC
D
E
BF
G
H
1
R1
R1
R1
R1
2
3
4
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
AC
D
E
BF
G
H
1
R1
R1
R1
R1
2
3
4
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
AC
D
E
BF
G
H
1
R1
R1
R1
R1
2
3
4
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
AC
D
E
BF
G
H
1
R1
R1
R1
R1
2
3
4
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
R1
R1
R1
R1
JL
M
N
KP
R
T
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
Electrical Specifications
Tx Termination
Rx Termination
R1
R1
R1
R2
Z = 50 ohms
Tx
Rx
Typical Application
Features
Designed for termination of Xilinx
® and Altera® FPGAs.
8 or 16 differential channels of termination provided in a single
integrated package
Excellent high frequency performance
High density ceramic BGA package
RoHS Compliant Designs Available
Compatible with both lead and lead-free manufacturing
processes
Ordering Information
1.27mm Pitch
Standard Part
No.
1.00mm Pitch
Standard Part
No.
Style
R1
Ω
R2
Ω
Array
Size
1.27mm Pitch
RoHS Part No.
1.00mm Pitch
RoHS Part No.
RT1710B6
RT1710B7
C
100
-
4 x 8
RT2710B6
RT2710B7
-
RT1720B7
I
187
100
4 x 16
-
RT2720B7
RT1721B6
RT1721B7
I
187
100
4 x 8
RT2721B6
RT2721B7
-
RT1722B7
I
140
165
4 x 16
-
RT2722B7
RT1723B6
RT1723B7
I
140
165
4 x 8
RT2723B6
RT2723B7
-
RT1724B7
I
140
135
4 x 16
-
RT2724B7
RT1725B6
RT1725B7
I
140
135
4 x 8
RT2725B6
RT2725B7
Description
These LVPECL and LVDS termination networks are designed for high
performance termination of differential Input/Output signals on some of
the most popular Field Programmable Gate Arrays (FPGAs).
Both input (RX) and output (TX) termination is provided.
LVDS & LVPECL FPGA Terminator
Technical
Data Sheet
RoHS Compliant Parts Available
Resistor Tolerance:
± 1.0%
TCR
±200ppm/°C
Operating Temperature Range
-55
°C to +125°C
Maximum Resistor Power:
0.068 Watts at 70
°C
Maximum Package Power:
1.0 Watts at 70
°C
Process Requirements:
Maximum Re-flow Temperature
Per IPC/JEDEC J-STD-020C
Packaging Information
Suffix
TR7
TR13
Tape Width
24 mm
24mm
Carrier Pitch
8 mm
8 mm
Reel Diameter
7 inch
13 inch
Parts/Reel
1,000
4,000
Part Number Coding
7 inch reel, Add TR7 to part
number, example RT2400B6TR7
13 inch reel, Add TR13 to part
number, example RT2400B6TR13
(Bulk packaging is not available)
Direction of Feed


Similar Part No. - RT1722B7TR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1722B7TR7 CTS-RT1722B7TR7 Datasheet
70Kb / 2P
   Configuration Selector Guide
More results

Similar Description - RT1722B7TR7

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT1250B6 CTS-RT1250B6 Datasheet
58Kb / 2P
   LVPECL Terminators RoHS Compliant Parts Available
RT1400B6 CTS-RT1400B6 Datasheet
108Kb / 3P
   DDR SDRAM Terminator RoHS Compliant Parts Available
RT1210B7 CTS-RT1210B7 Datasheet
61Kb / 2P
   VME64, VME64x Terminator RoHS Compliant Parts Available
RT1300B6 CTS-RT1300B6 Datasheet
56Kb / 2P
   LVD SCSI Terminator RoHS Compliant Parts Available
RT1450B6 CTS-RT1450B6 Datasheet
102Kb / 3P
   GTL, GTL, AGTL Terminator RoHS Compliant Parts Available
RT1415B7 CTS-RT1415B7 Datasheet
80Kb / 2P
   PCI & PCIX Network RoHS Compliant Parts Available
logo
Illinois Capacitor, Inc...
105QPC450KA3 ILLINOISCAPACITOR-105QPC450KA3 Datasheet
181Kb / 1P
   Parts are RoHs compliant
105QPC450KB5 ILLINOISCAPACITOR-105QPC450KB5 Datasheet
152Kb / 1P
   Parts are RoHs compliant
logo
MMD Components
HC-49U MMD-HC-49U Datasheet
74Kb / 3P
   RoHS Compliant Available
HC-49-US MMD-HC-49-US Datasheet
142Kb / 3P
   RoHS Compliant Available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com