Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5SD-9456 Datasheet(PDF) 10 Page - Dialight Corporation

Part # 5SD-9456
Description  5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5SD-9456 Datasheet(HTML) 10 Page - Dialight Corporation

Back Button 5SD-9456 Datasheet HTML 3Page - Dialight Corporation 5SD-9456 Datasheet HTML 4Page - Dialight Corporation 5SD-9456 Datasheet HTML 5Page - Dialight Corporation 5SD-9456 Datasheet HTML 6Page - Dialight Corporation 5SD-9456 Datasheet HTML 7Page - Dialight Corporation 5SD-9456 Datasheet HTML 8Page - Dialight Corporation 5SD-9456 Datasheet HTML 9Page - Dialight Corporation 5SD-9456 Datasheet HTML 10Page - Dialight Corporation 5SD-9456 Datasheet HTML 11Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
6-52
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
ABSOLUTE MAXIMUM RATINGS
Green 12V
Yellow 12V
Red 5V
Green 5V
(T
A=25°C)
-9378
-9379
-9422
-9423
Forward Voltage (V)
1 5 *
1 5
7.5
7.5
*(T
A=70°C)
Operating Temperature (°C)
-20/+85
-40/+85
-40/+85
-20/+85
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
OPERATING CHARACTERISTICS
Green 12V
Yellow 12V
Red 5V
Green 5V
(T
A=25°C)
-9378
-9379
-9422
-9423
Luminous Intensity (mcd)
Min.
1.5*
1.5*
1
2
VF=5V, *VF=12V
Typical
4*
4*
2
8
Peak Wavelength (nm)
Typical
565
583
655
565
λ Peak
Viewing Angle (2
Θ ½)
Typical
60°
60°
60°
60°
Forward Current (mA), VF=5V
Typical
13*
13*
13
12
*VF=12V
Max.
20*
20*
20
15
Reverse Voltage (V), IR=100µA
Typical
5
5
5
5
5mm
Integral Resistor
Diffused
5RD-xxxx
TYPE
COLOR
VOLTS
*5RD-9378
Green
12
*5RD-9379
Yellow
12
*5RD-9422
Red
5
*5RD-9423
Green
5
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 5SD-9456

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5SD-9456 DIALIGHT-5SD-9456 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
5SD-9456 DIALIGHT-5SD-9456 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
5SD-9456 DIALIGHT-5SD-9456 Datasheet
80Kb / 11P
   5mm LED CBI Circuit Board Indicator Vertical, Various Heights
More results

Similar Description - 5SD-9456

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
550-XX05 DIALIGHT-550-XX05 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com