Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

552-3544 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 552-3544
Description  5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

552-3544 Datasheet(HTML) 1 Page - Dialight Corporation

  552-3544 Datasheet HTML 1Page - Dialight Corporation 552-3544 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6-38
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
5mm
LED CBI
® Circuit Board Indicator
3 Leaded, Bi-Color, Bi-Level
552-35xx
7.518
[.296]
3.175 [.125]
6.35
[.250]
12.52
[.493]
3.68 [.145]
2.54
[.100]
RED/YELLOW
ANODE
11.55
[.455]
.508 SQ.
[.020]
2.54
[.100]
4.57
[.18]
8.128
[.320]
RECOMMENDED
P.C. BOARD LAYOUT
1.09
[.043]
D
.762 [.030]
COMMON
CATHODE
TOP
LED
4.86
[.190]
GREEN
ANODE
2.54
[.100]
PART NO.
COLOR*
552-3511
Red/Green
552-3544
Yellow/Green
* Top-Bottom LED
Features
• Common Cathode simplifies design, and the red/green LED
provides yellow-orange as a third color
• Multiple CBIs form horizontal LED arrays on 7.62mm
(0.300”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 1.055 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1,
EN-60825-1
Dimensions in mm[inches]
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
552-3511
Red/Green
635/565
5/8
2.1/2.3
10
65°
521-9450
6-45
552-3544
Yellow/Green
583/565
5/8
2.1/2.1
10
65°
521-9460
6-45
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
See page 6-55 and 6-56 for Reference Only LED Drive Circuit Examples. See page 6-57 for Pin Out
5 5 2 - 3 5 x x
Bottom Position
LED Type
SERIES
PART NUMBER ORDERING CODE
Top Position
Color
0) Blank 1) Red/Green Bi-color 4) Yellow/Green Bi-color
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]


Similar Part No. - 552-3544

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
552-0211 DIALIGHT-552-0211 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
552-0222 DIALIGHT-552-0222 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
552-0233 DIALIGHT-552-0233 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
552-0277 DIALIGHT-552-0277 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
logo
Integrated Device Techn...
552-02S IDT-552-02S Datasheet
132Kb / 10P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
More results

Similar Description - 552-3544

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-3X09 DIALIGHT-550-3X09 Datasheet
30Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
550-3X05 DIALIGHT-550-3X05 Datasheet
31Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Common Cathode
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
551-3508 DIALIGHT-551-3508 Datasheet
27Kb / 2P
   3mm, Flat Top LED CBI Circuit Board Indicator In-line, 3 Leaded Bi-Color
logo
P-tec Corporation
PL84-WDRG2115 P-TEC-PL84-WDRG2115 Datasheet
30Kb / 1P
   Bi-Color 3 Leaded 5mm (T1쩐) LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com