Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5HN-9420 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 5HN-9420
Description  5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5HN-9420 Datasheet(HTML) 2 Page - Dialight Corporation

  5HN-9420 Datasheet HTML 1Page - Dialight Corporation 5HN-9420 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6-50
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
5mm
High Efficiency
Tinted, Non-Diffused
5HN-xxxx
TYPE
COLOR
*5HN-9419
Red
*5HN-9420
Green
*5HN-9421
Yellow
Red
Green
Yellow
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9419
-9420
-9421
Power Dissipation (mW)
75
75
75
Derating (mW/°C) From 50°
1.5
1.5
1.5
Forward Current (mA)
25
25
25
Peak Current (mA)
60
60
60
Pulse Width = 1 µs
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Red
Green
Yellow
OPERATING CHARACTERISTICS (T
A=25°C)
-9419
-9420
-9421
Luminous Intensity (mcd)
Min.
56
56
56
IF=20mA
Typical
110
110
110
Peak Wavelength (nm)
Typical
650
565
565
λ Peak
Viewing Angle (2
Θ ½)
30°
30°
30°
Forward Voltage (V)l
Typical
2.1
2.2
2.2
IF=20mA
Max
2.55
2.55
2.55
Reverse Voltage (V), IR=100µA
Min.
5
5
5
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 5HN-9420

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5HN01C SANYO-5HN01C Datasheet
26Kb / 4P
   Ultrahigh-Speed Switching Applications
5HN01M SANYO-5HN01M Datasheet
26Kb / 4P
   Ultrahigh-Speed Switching Applications
5HN01N SANYO-5HN01N Datasheet
49Kb / 4P
   5HN01N
5HN01S SANYO-5HN01S Datasheet
26Kb / 4P
   Ultrahigh-Speed Switching Applications
5HN01SS SANYO-5HN01SS Datasheet
26Kb / 4P
   Ultrahigh-Speed Switching Applications
More results

Similar Description - 5HN-9420

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com