Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

555-3XXX Datasheet(PDF) 2 Page - Dialight Corporation

Part # 555-3XXX
Description  2mm LED CBI Circuit Board Indicator Single, Top View
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

555-3XXX Datasheet(HTML) 2 Page - Dialight Corporation

  555-3XXX Datasheet HTML 1Page - Dialight Corporation 555-3XXX Datasheet HTML 2Page - Dialight Corporation 555-3XXX Datasheet HTML 3Page - Dialight Corporation 555-3XXX Datasheet HTML 4Page - Dialight Corporation 555-3XXX Datasheet HTML 5Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-7
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3
555-3xxx
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ1/
2
Data sheet
Page #
555-3001
Red
650
1.2
1.6
20
40°
2ND-9412
3-14
555-3301
Green
565
1
2.4
20
40°
2ND-9414
3-14
555-3401
Yellow
583
2
2.2
20
40°
2ND-9416
3-14
Peak
IV
IF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
mA
Voltage
Angle 2
Θ
Θ1/
2
Data sheet
Page #
555-3003
Red
650
1.9
6
5
40°
2RD-9614
3-15
555-3006
Red
650
3.1
10
14
40°
2RD-9619
3-16
555-3007
Red
650
.9
3
5
40°
2RD-9613
3-15
555-3008
Red
650
.9
3
24
40°
2RD-9623
3-16
555-3009
Red
650
.6
1
5
40°
2RD-9618
3-15
555-3303
Green
565
2.5
4.7
5
40°
2RD-9615
3-15
555-3403
Yellow
583
2.1
4.7
5
40°
2RD-9616
3-15
INTEGRAL RESISTOR, VARIOUS VOLTAGES
Typical Operating Characteristics (TA = 25°C)
See LED data sheet for additional information
GENERAL PURPOSE
See Page 3-17 and 3-18 for Reference Only LED Drive Circuit Examples
See Page 3-19 for Pin Out


Similar Part No. - 555-3XXX

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-0402 CAMBION-555-0402 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0402 package
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 0603 package
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0805 package
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 1008 package
logo
List of Unclassifed Man...
555-13885 ETC-555-13885 Datasheet
88Kb / 1P
   Wall Mount Speaker Bracket for 35mm Pole Mount Speakers
03/01/19 V1.0
More results

Similar Description - 555-3XXX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-5XXX DIALIGHT-555-5XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad, Top View
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com