Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BAV20
Description  General purpose diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV20 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BAV20 Datasheet HTML 3Page - NXP Semiconductors BAV20 Datasheet HTML 4Page - NXP Semiconductors BAV20 Datasheet HTML 5Page - NXP Semiconductors BAV20 Datasheet HTML 6Page - NXP Semiconductors BAV20 Datasheet HTML 7Page - NXP Semiconductors BAV20 Datasheet HTML 8Page - NXP Semiconductors BAV20 Datasheet HTML 9Page - NXP Semiconductors BAV20 Datasheet HTML 10Page - NXP Semiconductors BAV20 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1999 May 25
7
Philips Semiconductors
Product specification
General purpose diodes
BAV20; BAV21
Fig.8 Reverse recovery voltage test circuit and waveforms.
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
IF
D.U.T.
R = 50
i
SAMPLING
OSCILLOSCOPE
MGA881
(1) IR = 3 mA.


Similar Part No. - BAV20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV20 VISHAY-BAV20 Datasheet
129Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.6, 20-Apr-06
logo
Nexperia B.V. All right...
BAV20 NEXPERIA-BAV20 Datasheet
391Kb / 11P
   General purpose diodes
1999 May 25
logo
SEMTECH ELECTRONICS LTD...
BAV20 SEMTECH_ELEC-BAV20 Datasheet
262Kb / 4P
   SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAV20 LUGUANG-BAV20 Datasheet
170Kb / 2P
   Small Signal Switching Diodes
logo
Fairchild Semiconductor
BAV20 FAIRCHILD-BAV20 Datasheet
36Kb / 1P
   General Purpose Diodes
More results

Similar Description - BAV20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com