Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

555-5007 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 555-5007
Description  2mm LED CBI Circuit Board Indicator Quad, Top View
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

555-5007 Datasheet(HTML) 1 Page - Dialight Corporation

  555-5007 Datasheet HTML 1Page - Dialight Corporation 555-5007 Datasheet HTML 2Page - Dialight Corporation 555-5007 Datasheet HTML 3Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
3-9
Dialight Corporation • 1913 Atlantic Avenue • Manasquan, NJ 08736 • TEL: (732) 223-9400 • FAX: (732) 223-8788 • www.dialight.com
CATHODE
7.77 MAX
[.306]
10.29
[.405]
1.14 [.045]
Recommended
PC Board Layout
++
2.03
[.080]
3.68
[.145]
6.35
[.250]
5.08
[.200]
.254
[.010]
3.81
[.150]
.686
[.027]
2.54
[.100]
1.35
[.053]
5.08
[.200]
0.965
±.05
[.038
±.002]
2mm
LED CBI
® Circuit Board Indicator
Quad, Top View
555-5xxx
PART NO.
COLOR
GENERAL PURPOSE
555-5001
Red
555-5301
Green
555-5401
Yellow
INTEGRAL RESISTOR, 5 VOLTS
555-5003
Red
555-5007
Red
555-5009
Red
555-5303
Green
555-5403
Yellow
Features
• Multiple CBIs form horizontal LED arrays on 2.54mm
(0.100”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 31.5%
• Polymer content: PBT, 0.424 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with: 555-3xxx Single Block
Dimensions in mm [inches]
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ1/
2
Data sheet
Page #
555-5001
Red
650
1.2
1.6
20
40°
2ND-9412
3-14
555-5301
Green
565
1
2.4
20
40°
2ND-9414
3-14
555-5401
Yellow
583
2
2.2
20
40°
2ND-9416
3-14
Peak
IV
IF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
mA
Voltage
Angle 2
Θ
Θ1/
2
Data sheet
Page #
555-5003
Red
650
1.9
6
5
40°
2RD-9614
3-15
555-5007
Red
650
.9
3
5
40°
2RD-9613
3-15
555-5009
Red
650
.6
1
5
40°
2RD-9618
3-15
555-5303
Green
565
2.5
4.7
5
40°
2RD-9615
3-15
555-5403
Yellow
583
2.1
4.7
5
40°
2RD-9616
3-15
INTEGRAL RESISTOR, 5 VOLTS
Custom Combinations
• Contact factory for information on custom
color combinations
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Typical Operating Characteristics (TA = 25°C)
See LED data sheet for additional information
GENERAL PURPOSE
See Page 3-17 and 3-18 for Reference Only LED Drive Circuit Examples
See Page 3-19 for Pin Out


Similar Part No. - 555-5007

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-5120 CAMBION-555-5120 Datasheet
27Kb / 2P
   RFID transponder coil, moulded, surface mount
More results

Similar Description - 555-5007

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-3XXX DIALIGHT-555-3XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com