Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521-9430 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 521-9430
Description  3mm LED CBI Circuit Board Indicator Bi-level
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9430 Datasheet(HTML) 1 Page - Dialight Corporation

  521-9430 Datasheet HTML 1Page - Dialight Corporation 521-9430 Datasheet HTML 2Page - Dialight Corporation 521-9430 Datasheet HTML 3Page - Dialight Corporation 521-9430 Datasheet HTML 4Page - Dialight Corporation 521-9430 Datasheet HTML 5Page - Dialight Corporation 521-9430 Datasheet HTML 6Page - Dialight Corporation 521-9430 Datasheet HTML 7Page - Dialight Corporation 521-9430 Datasheet HTML 8Page - Dialight Corporation 521-9430 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-28 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
Features
• Multiple CBIs form horizontal LED arrays on 4.45mm
(0.175”) center-lines. See page 4-41 and 4-42 for
pre-assembled arrays
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.343 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Custom Combinations
• Contact factory for information on custom bi-level arrays
and color combinations.
4.32
[.170]
2.54 [.100]
5.08
[.200]
9.65
[.380]
3.68 [.145]
CATHODE
8.13
[.320]
.508 SQ.
[.020]
2.54
[.100]
2.6
[.102]
MAX
4.44
[.175]
RECOMMENDED
P.C. BOARD
LAYOUT
1.0
[.040]
Top LED
.254
[.100]
Red/Yel
Cathode for
Bicolor
CATHODE ID
3mm
LED CBI
® Circuit Board Indicator
Bi-level
553-xxxx
Dimensions in mm [inches]
PART NO.
COLOR*
HIGH EFFICIENCY - LED TYPE 01
553-0111
Red
553-0122
Green
553-0133
Yellow
553-0177
Orange
553-0188
Blue³
LOW CURRENT - LED TYPE 02
553-0211
Red
553-0222
Green
553-0233
Yellow
RESISTOR 5 VOLTS - LED TYPE 03
553-0311
Red
553-0322
Green
553-0333
Yellow
BI-COLOR - LED TYPE 07
553-0711
Red/Green
553-0744
Yellow/Green
NON-DIFFUSED - LED TYPE 22
553-2211
Red
553-2222
Green
553-2233
Yellow
* Top-Bottom LED
Standard Polarity shown in drawing: Cathode right
To order any of the 553-xxxx part numbers with
Reverse Polarity (Cathode Left), please add -010 to
the part numbers shown above.
Top Position Color
Bottom Position Color
Color = 0) Blank 1) Red or Red/Green Bi-Color 2) Green 3) Yellow
4) Yellow/Green Bi-Color 7) Orange 8) Blue
5 5 3
x x x x
0 1 0
Reverse Polarity Option
1) Cathode Left
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
LED Type
PART NUMBER ORDERING CODE
Series
NEW
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³


Similar Part No. - 521-9430

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9430 DIALIGHT-521-9430 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
521-9430 DIALIGHT-521-9430 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 521-9430

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com