Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2RD-9623 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 2RD-9623
Description  2mm LED CBI Circuit Board Indicator Single
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

2RD-9623 Datasheet(HTML) 2 Page - Dialight Corporation

  2RD-9623 Datasheet HTML 1Page - Dialight Corporation 2RD-9623 Datasheet HTML 2Page - Dialight Corporation 2RD-9623 Datasheet HTML 3Page - Dialight Corporation 2RD-9623 Datasheet HTML 4Page - Dialight Corporation 2RD-9623 Datasheet HTML 5Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-5
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3
555-2xxx
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ1/
2
Data sheet
Page #
555-2001
Red
650
1.2
1.6
20
40°
2ND-9412
3-14
555-2301
Green
565
1
2.4
20
40°
2ND-9414
3-14
555-2401
Yellow
583
2
2.2
20
40°
2ND-9416
3-14
Typical Operating Characteristics (TA = 25°C)
See LED data sheet for additional information
GENERAL PURPOSE
See Page 3-17 and 3-18 for Reference Only LED Drive Circuit Examples
See Page 3-19 for Pin Out
Peak
IV
IF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
mA
Voltage
Angle 2
Θ
Θ1/
2
Data sheet
Page #
555-2003
Red
650
1.9
6
5
40°
2RD-9614
3-15
555-2007
Red
650
.9
3
5
40°
2RD-9613
3-15
555-2008
Red
650
.9
3
24
40°
2RD-9623
3-16
555-2009
Red
650
.6
1
5
40°
2RD-9618
3-15
555-2303
Green
565
2.5
4.7
5
40°
2RD-9615
3-15
555-2403
Yellow
583
2.1
4.7
5
40°
2RD-9616
3-15
INTEGRAL RESISTOR, VARIOUS VOLTAGES


Similar Part No. - 2RD-9623

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
2RD-9623 DIALIGHT-2RD-9623 Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
More results

Similar Description - 2RD-9623

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
555-3XXX DIALIGHT-555-3XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
555-5XXX DIALIGHT-555-5XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad, Top View
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com