Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2RD-9618 Datasheet(PDF) 3 Page - Dialight Corporation

Part # 2RD-9618
Description  2mm LED CBI Circuit Board Indicator Quad, Top View
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

2RD-9618 Datasheet(HTML) 3 Page - Dialight Corporation

  2RD-9618 Datasheet HTML 1Page - Dialight Corporation 2RD-9618 Datasheet HTML 2Page - Dialight Corporation 2RD-9618 Datasheet HTML 3Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3-15
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3
Red
Red
Green
Yellow
Red
OPERATING CHARACTERISTICS (T
A=25°C)
-
9613
-9614
-9615
-9616
-9618
Luminous Intensity (mcd)
Min.
.4
.8
.8
1.3
.3
VF=5V
Typical
.9
1.9
2.5
2.1
.6
Peak Wavelength (nm)
Typical
650
650
565
583
650
λ Peak
Viewing Angle (2
Θ1/2)
Typical
40°
40°
40°
40°
40°
Forward Current (mA)
Typical
3
6
4.7
4.7
1
VF=5V
Max.
4
8
6.7
6.7
2.6
Reverse Voltage (V), IR=100µA
Min.
66666
Red
Red
Green
Yellow
Red
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9613
-9614
-9615
-9616
-9618
Forward Voltage (V)
66666
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
2mm
Integral Resistor, 5 Volts
Diffused
2RD-9613 thru 2RD-9618
TYPE
COLOR
2RD-9613*
Red
2RD-9614*
Red
2RD-9615*
Green
2RD-9616*
Yellow
2RD-9618*
Red
* NOT A VALID PART
NUMBER. THIS SHEET IS FOR
REFERENCE ONLY.


Similar Part No. - 2RD-9618

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
2RD-9618 DIALIGHT-2RD-9618 Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
2RD-9618 DIALIGHT-2RD-9618 Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
2RD-9618 DIALIGHT-2RD-9618 Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
More results

Similar Description - 2RD-9618

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
555-3XXX DIALIGHT-555-3XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com