Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

556-3307-304 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 556-3307-304
Description  11/16, 1 MOUNTING HOLE WATERTIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

556-3307-304 Datasheet(HTML) 1 Page - Dialight Corporation

  556-3307-304 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dialight Corporation • 1501 State Route 34 • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 • www.dialight.com
557 SERIES FOR 11/16" MOUNTING HOLE • WATERTIGHT
Housing Material: Nickel Plated Brass
* Intensity measured in foot Lamberts (1fL = 3.4 cd/m2)
** Requires external resistor
† Bi color has 3 leads: Red for Red Anode, Green for Green
Anode, Black for Common Cathode
Dimensions in mm [inches]
LED PANEL MOUNT INDICATORS
556 SERIES FOR 1" MOUNTING HOLE • WATERTIGHT
FLAT LENS
DOMED LENS
Housing Material: White Polycarbonate
Legend Film Discs Available - Positive or negative film discs, with
words, numerals or letters may be ordered. Please contact Dialight.
8.90
[.350]
MAX
29.80 [1.175]
19.80 [.781]
17.80
[.700]
MAX
9.30
[.365]
12.70
[.500]
140.0
±6.40
[5.5
±0.25]
16.80 [.662]
8.10
[.318]
28.45
[1.12]
7.40
[.280]
10.92
[.430]
20.57 [.810]
30.99 [1.220]
26.16
[1.03]
NEOPRENE
GASKET
11/16" - 27NS
THREAD
BLACK ALUMINUM
BEZEL
BLACK
(CATHODE)
RED
(ANODE)
PART NO.
COLOR V
F
mA
fL*
556-1103-304
R
12DC 81
1500
556-1203-304
G
12DC 81
760
556-1303-304
Y
12DC 81
1800
556-1104-304
R
24DC 40
1500
556-1204-304
G
24DC 40
760
556-1304-304
Y
24DC 40
1800
556-1105-304
R
125AC 8.5
900
556-1205-304
G
125AC 8.5
300
556-1305-304
Y
125AC 8.5
1000
PART NO.
COLOR V
F
mA fL*.
557-1101-203
R
4.3** 40
100
557-1201-203
G
4.3** 50
150
557-1301-203
Y
4.3** 50
100
557-1501-203
R
4.3** 40
1000
557-1402-203†
R/G
5
80 200/100
557-1503-203
R
12
20
1000
557-1103-203
R
12
20
100
557-1203-203
G
12
25
150
557-1303-203
Y
12
25
100
557-1505-203
R
24
20
1000
557-1104-203
R
28
20
100
557-1204-203
G
28
25
150
557-1304-203
Y
28
25
100
8.13
[.320]
22.10 [.870]
38.10 [1.500]
48.64 [1.915]
NEOPRENE
GASKET
6-32
SCREW
FLAT LENS
DOMED LENS
ENVIRONMENTAL LIMITS:
Storage Temp:
-30
°C to +100°C
Operating Temp:
-25
°C to +85°C
Seal Specifications:
MIL -L 3661 B
PART NO.
COLOR V
F
mA
fL*
556-3103-304
R
12DC 81
100
556-3203-304
G
12DC 81
55
556-3303-304
Y
12DC 81
75
556-3104-304
R
24DC 40
100
556-3204-304
G
24DC 40
55
556-3304-304
Y
24DC 40
75
556-3105-304
R
125AC 8.5
50
556-3205-304
G
125AC 8.5
30
556-3305-304
Y
125AC 8.5
40
556-3107-304
R
125DC 10
50
556-3207-304
G
125DC 10
30
556-3307-304
Y
125DC 10
40
V+
SCHEMATIC A
(4.3V)
SCHEMATIC B
(12, 24, 28V)
V+
V+ (G)
V+ (R)
R
G
R
G
R
G
R
G
SCHEMATIC C
(5V)
(+) 12VDC (TYP)
SUPPLY
(+) 24VDC (TYP)
SUPPLY
270
Ω (RED & YELLOW)
220
Ω (GREEN)
SCHEMATIC B
(24V)
125VAC (TYP)
SUPPLY
6.8K
SCHEMATIC C
(125V)
125VDC (TYP)
SUPPLY
10K
ENVIRONMENTAL LIMITS:
Storage Temp:
-30
°C to +100°C
Operating Temp:
-25
°C to +85°C
Seal Specifications:
NEMA 4X IP66
(+) 12VDC (TYP)
SUPPLY
68
Ω (RED)
62
Ω (YELLOW)
47
Ω (GREEN)
SCHEMATIC A
(12V)
Dialight
24 AWG WIRE LEADS
Polarity marking indicated on housing near positive supply terminal
16.90
±.13
[.665
±.005]
17.50
±.13
[.688
±.005]
RECOMMEND
MOUNTING
HOLE
MAX PANEL
THICKNESS
5.08 [.200]
13


Similar Part No. - 556-3307-304

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
556-3003-304F DIALIGHT-556-3003-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
556-3004-304F DIALIGHT-556-3004-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
556-3005-304F DIALIGHT-556-3005-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
556-3009-304F DIALIGHT-556-3009-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
556-3503-304F DIALIGHT-556-3503-304F Datasheet
115Kb / 2P
   High Intensity LED Panel Mount Indicators for 1??Mounting Hole
More results

Similar Description - 556-3307-304

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
657-3009-213F DIALIGHT-657-3009-213F Datasheet
93Kb / 1P
   Watertight - 11/16' Mounting Hole Panel Mount Indicators
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
   LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
657-1502-103F DIALIGHT-657-1502-103F Datasheet
118Kb / 2P
   Domed & Flat LED Watertight 11/16' Mounting Hole Panel Mount Indicators
557-1502-203F DIALIGHT-557-1502-203F Datasheet
119Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
557-1412-203F DIALIGHT-557-1412-203F Datasheet
108Kb / 2P
   High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
021-2900-300 DIALIGHT-021-2900-300 Datasheet
125Kb / 1P
   021 SERIES FOR 11/16" MOUNTING HOLE . LIGHT SHIELD
609-1122-120F DIALIGHT-609-1122-120F Datasheet
118Kb / 2P
   LED Panel Mount Indicators for 9.35mm Mounting Hole w/ Optional Watertight Capability
607-1112-110F DIALIGHT-607-1112-110F Datasheet
117Kb / 2P
   LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability
logo
Visual Communications C...
L60 VCC-L60 Datasheet
211Kb / 1P
   watertight
logo
UMPCO, Inc.
S228 UMPCO-S228 Datasheet
134Kb / 1P
   CLAMP, LOOPCUSHIONED, 5/16" MOUNTING HOLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com