Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521-9452 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 521-9452
Description  2mm x 5mm Rectangular LED CBI Circuit Board Indicator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9452 Datasheet(HTML) 2 Page - Dialight Corporation

  521-9452 Datasheet HTML 1Page - Dialight Corporation 521-9452 Datasheet HTML 2Page - Dialight Corporation 521-9452 Datasheet HTML 3Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5-16
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
2mm x 5mm Discrete LED
Rectangular
Tinted, Diffused
521-9332, -9452, -9499, -9718
4.82
[.190]
7.70 [.303]
25.4 [1.00]
.51
[.020]
2.54
[.100]
2.11
[.083]
DRAWING A
25.4 [1.00]
5.00
[.197]
DIM.
L
1.00
[.040]
DRAWING B
.51
[.020]
2.54
[.100]
2.00
[.079]
CATHODE
CATHODE
DIM. L
Red 7.50 [.295]
Blue 7.00 [.275]
1.00
[.040]
Green
Yellow
Red
Blue
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9332
-9452
-9499
-9718
Power Dissipation (mW)
135
85
100
189
Forward Current (mA)
30
20
30
30
Derating (mA/°C) From 50°C 1. mW/°C From 25°C
.5
.34
.4
.451
Peak Current (mA)
500*
500*
120
180
Pulse width = 1 ms *Pulse width = 10
µs
Operating Temperature (°C)
-20/+100
-55/+100
-55/+100
-25/+75
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
-25/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Green
Yellow
Red
Blue
OPERATING CHARACTERISTICS (T
A=25°C)
-9332
-9452
-9499
-9718
Luminous Intensity (mcd)
Min.
2.6
2.2
3
9
IF=20mA
Typical
4
3.5
7.4
18
Peak Wavelength (nm)
Typical
565
583
635
430
λ Peak
Viewing Angle (2
Θ ½)
Typical
110°
110°
140°
120°
Forward Voltage (V)
Typical
2.2
2.1
2
5.3
IF=20mA
Max.
3
2.6
2.8
6
Reverse Voltage (V), IR=100µA
Min.
5
5
5
5
Dimensions in mm [inches]
PART NO.
COLOR
DRAWING
521-9332
Green
A
521-9452
Yellow
A
521-9499
Red
B
521-9718
Blue
B
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 521-9452

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9452 DIALIGHT-521-9452 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
More results

Similar Description - 521-9452

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
555-5XXX DIALIGHT-555-5XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad, Top View
logo
LUMEX INC.
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
   2mm X 5mm Rectangular LED
logo
Dialight Corporation
595-2X01-0XX DIALIGHT-595-2X01-0XX Datasheet
27Kb / 2P
   2mm Prism CBI Circuit Board Indicator Surface Mount LED
555-3XXX DIALIGHT-555-3XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single, Top View
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com