Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521-9323 Datasheet(PDF) 7 Page - Dialight Corporation

Part # 521-9323
Description  3mm LED CBI Circuit Board Indicator Tri-Level
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9323 Datasheet(HTML) 7 Page - Dialight Corporation

  521-9323 Datasheet HTML 1Page - Dialight Corporation 521-9323 Datasheet HTML 2Page - Dialight Corporation 521-9323 Datasheet HTML 3Page - Dialight Corporation 521-9323 Datasheet HTML 4Page - Dialight Corporation 521-9323 Datasheet HTML 5Page - Dialight Corporation 521-9323 Datasheet HTML 6Page - Dialight Corporation 521-9323 Datasheet HTML 7Page - Dialight Corporation 521-9323 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-62 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3mm Discrete LED
Bi-Color
Non-Tinted, Diffused
521-9478, -9628, -9768
3.20
[.126]
MAX
4.45
[.175]
5.20
±.5
[.205
±.02]
1.02
[.040]
3.00
[.118]
25.40
[1.00]
MIN
RED CATHODE 521-9768
YELLOW CATHODE 521-9478
GREEN CATHODE 521-9628
.50
[.020]
TYP
2.54
[.100]
NOM
2.54
[.100]
NOTE:
MENISCUS MAY EXTEND 1.0MM [.040]
DOWN FROM HOUSING
PART NO.
COLOR
521-9478
Yellow/Green
521-9628
Red/Green
521-9768
Red/Yellow
Yellow/Green
Red/Green
Red/Yellow
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
-9478
-9628
-9768
Power Dissipation (mW)
60/100
140/100
100/60
Forward Current (mA)
20/30
40/30
30/20
Derating (mA/°C) From 25°C 1 From 50°C
.251/.401
.5/.4
.41/.251
Peak Current (mA)
80/120
200/120
120/80
Pulse width = 10µs
Operating Temperature (°C)
-55/+100
-55/+100
-55/+100
Storage Temperature (°C)
-55/+100
-55/+100
-55/+100
Soldering Temperature
260°C, 5 seconds, 1.66 mm from case
Yellow/Green
Red/Green
Red/Yellow
OPERATING CHARACTERISTICS (TA=25°C)
-9478
-9628
-9768
Luminous Intensity (mcd)
Min.
2.5/2.5
3.7*/1.1*
1.7*/1.7*
IF=10mA * IF=20mA
Typical
4.3/6.3
12.6*/3.7*
5.6*/5.6*
Peak Wavelength (nm)
Typical
585/565
660/565
630/585
λ Peak
Viewing Angle (2
Θ ½)
Typical
80°
200°
80°
Forward Voltage (V)
Typical
2.1/2.1
1.8/2.1
2/2.1
IF=20mA
Max.
2.8/2.8
2.4/2.8
2.8/2.8
Reverse Voltage (V)
IR=100ua
Min.
5
5
5
Dimensions in mm [inches]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
MOUNTING CLIP: 515-0006
located on page 4-65


Similar Part No. - 521-9323

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9323 DIALIGHT-521-9323 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
521-9323 DIALIGHT-521-9323 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
521-9323 DIALIGHT-521-9323 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
521-9323 DIALIGHT-521-9323 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
521-9323 DIALIGHT-521-9323 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 521-9323

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
568-0101-111 DIALIGHT-568-0101-111 Datasheet
108Kb / 2P
   3mm LED CBI Circuit Board Indicator QUAD-LEVEL
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
570-0100-XXX DIALIGHT-570-0100-XXX Datasheet
26Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Tri-Level
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com