Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5HD-9271-5 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 5HD-9271-5
Description  5mm LED CBI Circuit Board Indicator Vertical, Various Heights
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

5HD-9271-5 Datasheet(HTML) 1 Page - Dialight Corporation

  5HD-9271-5 Datasheet HTML 1Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 2Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 3Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 4Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 5Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 6Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 7Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 8Page - Dialight Corporation 5HD-9271-5 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
6-23
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
Features
• Multiple CBIs form horizontal LED arrays on 7.24mm
(0.285”) center-lines.
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 29%(all sizes)
Custom Devices
• Contact factory for other LED types or alternate heights
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
5.00
[.197]
.508
[.020]
3.68
[.145]
A
7.14
[.281]
2.54
[.100]
RECOMMENDED
P.C. BOARD LAYOUT
1.09
[.043]
2.54
[.100]
HOUSING
TYPE
-050
-070
-100
DIM. A
12.7 [.500]
17.8 [.700]
25.4 [1.00]
CATHODE
5mm
LED CBI
® Circuit Board Indicator
Vertical, Various Heights
561-xx0x-xxx
5 6 1 - x x 0 x - x x x
Housing Height
DIM. A [+.010-.031]
050 = 12.7 [.500]
060 = 15.2 [.600]
070 = 17.8 [.700]
080 = 20.3 [.800]
090 = 22.9 [.900]
100 = 25.4 [1.00]
LED Type
Series
PART NUMBER ORDERING CODE
Dimensions in mm [inches]
PART NO.
COLOR
INTEGRAL RESISTOR, 5 VOLTS
561-0104-xxx
Red
LOW CURRENT
561-1101-xxx
Red
561-1201-xxx
Yellow
561-1301-xxx
Green
HIGH EFFICIENCY
561-0901-xxx
Orange
561-2101-xxx
Red
561-2201-xxx
Green
561-2301-xxx
Yellow
HIGH EFFICIENCY, TINTED,
NON DIFFUSED
561-2401-xxx
Red
561-2501-xxx
Green
561-2601-xxx
Yellow
SUPER BRIGHT, DIFFUSED
561-5101-xxx
Red
561-5201-xxx
Green
561-5301-xxx
Yellow
SUPER BRIGHT, WATER CLEAR
(Non-Tinted, Non-Diffused)
561-5501-xxx
Red
561-5601-xxx
Green
561-5701-xxx
Yellow
BI-COLOR
561-3001-xxx
Red/Green
561-3101-xxx
Yellow/Green
NEW
NEW


Similar Part No. - 5HD-9271-5

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
5HD-9271-5 DIALIGHT-5HD-9271-5 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
5HD-9271-5 DIALIGHT-5HD-9271-5 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
5HD-9271-5 DIALIGHT-5HD-9271-5 Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 5HD-9271-5

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
566-XX07 DIALIGHT-566-XX07 Datasheet
41Kb / 3P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-XX04 DIALIGHT-550-XX04 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
566-XX06 DIALIGHT-566-XX06 Datasheet
30Kb / 2P
   2mm x 5mm Rectangular LED CBI Circuit Board Indicator
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com