Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

357-044-545103 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 357-044-545103
Description  CARD EDGE CONNECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

357-044-545103 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  357-044-545103 Datasheet HTML 1Page - List of Unclassifed Manufacturers 357-044-545103 Datasheet HTML 2Page - List of Unclassifed Manufacturers 357-044-545103 Datasheet HTML 3Page - List of Unclassifed Manufacturers 357-044-545103 Datasheet HTML 4Page - List of Unclassifed Manufacturers 357-044-545103 Datasheet HTML 5Page - List of Unclassifed Manufacturers 357-044-545103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tel: (416) 754 - 3322
Page 68
MOUNTING OPTIONS - CARD EDGE CONNECTORS
Standard Mounting Details
CODE x01 - NO MOUNTING LUGS
q Applicable for 303, 305, 306, 307, 310, 315, 316, 317, 321, 325, 327, 333, 336, 337, 338,
340, 341, 342, 345, 346, 355, 356, 357, 379, 384, 387, 391, 392, 395 and 396 Series
CODE x02, x04 & x09 - THROUGH MOUNTING HOLES
Applicable Series
Code x02
Code x04
Code x09
"A" Dia.
"A" Dia.
"A" Dia.
303, 305, 306, 307, 310, 315,
.128 (3.25)
.156 (3.96)
316,321, 333, 337, 338, 340,
341, 345,346, 355, 356, 357,
379, 384, 387,391, 395, 396
317, 323
.144 (3.66)
.156 (3.96)
325
.160 (4.06)
327
.163 (4.14)
336
.128 (3.25)
.156 (3.96)
.178 (4.52)
342, 392
.128(3.25) x
.156 (3.96)
.146 (3.71)
Slot
CODE x03 - FLOATING EYELETS
Applicable Series
"A"
303, 305, 306, 307, 310, 315, 316,
.328 (8.33)
317, 321, 323, 333, 336, 337, 338,
341, 345, 346, 355, 356, 357, 379,
384, 387, 391, 395, 396
342, 392
.348 (8.84)
CODE x07 & x08 - THREADED INSERTS
q Applicable for 303, 305, 306, 307, 310, 315, 316, 317, 321, 323, 325, 333, 336, 337, 338,
341, 342, 345, 346, 356, 357, 379, 384, 387, 391, 392, 395 and 396 Series
q See Code x12 for Side Mounting Threaded Inserts
CODE x12 - SIDE MOUNTING HOLES
Applicable Series
"A"
307, 333, 337, 345, 346, 357, 387,
.125 (3.18)
395, 396
342, 392
.135 (3.43)
q Series Listed Above based on Availability of 90 Degree Bend Contact Tails.
Side Mounting Holes may also be Used for Other Card Edge Connectors with a
Lug Height of .250 (6.35) or Greater.
q For Side Mounting with Threaded Inserts, Specify Code x17 for M3-0.5 Metric
Threads or Code x18 for #4-40 Unified Threads.


Similar Part No. - 357-044-545103

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
357-044-545-1-01 EDAC-357-044-545-1-01 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
357-044-545-1-02 EDAC-357-044-545-1-02 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
357-044-545-1-03 EDAC-357-044-545-1-03 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
357-044-545-101 EDAC-357-044-545-101 Datasheet
248Kb / 3P
   357 Series Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
357-044-545-101 EDAC-357-044-545-101 Datasheet
142Kb / 3P
   357 Series,Card Edge Connector | Black | 0.156" (3.96mm) Pitch | 0.200" (5.08mm) Row Spacing | 0.473" (12.01mm) Insulator Height
More results

Similar Description - 357-044-545103

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CE-60-U-E-BR ADAM-TECH-CE-60-U-E-BR Datasheet
90Kb / 1P
   CARD EDGE CONNECTOR
CE-50-U-PF-CC ADAM-TECH-CE-50-U-PF-CC Datasheet
87Kb / 1P
   CARD EDGE CONNECTOR
CE-XX-U ADAM-TECH-CE-XX-U Datasheet
115Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U-BR ADAM-TECH-CE-98-U-BR Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
HDCE-188-G ADAM-TECH-HDCE-188-G Datasheet
126Kb / 1P
   ELSA CARD EDGE CONNECTOR
logo
Samtec, Inc
PEC-07-02-T-S-A SAMTEC-PEC-07-02-T-S-A Datasheet
311Kb / 1P
   POWER EDGE CARD CONNECTOR
logo
Adam Technologies, Inc.
CERA-XX-U-HT ADAM-TECH-CERA-XX-U-HT Datasheet
86Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-XX-U-156 ADAM-TECH-CE-XX-U-156 Datasheet
79Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U ADAM-TECH-CE-98-U Datasheet
120Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CERA-XX-U ADAM-TECH-CERA-XX-U Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com