Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521-9211 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 521-9211
Description  3mmLED CBI Circuit Board Indicator High Density Dual Bi-Level
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

521-9211 Datasheet(HTML) 1 Page - Dialight Corporation

  521-9211 Datasheet HTML 1Page - Dialight Corporation 521-9211 Datasheet HTML 2Page - Dialight Corporation 521-9211 Datasheet HTML 3Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4-37
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
4
3mm
LED CBI® Circuit Board Indicator
High Density Dual Bi-Level
569-010x-xxx
6.60
[.260]
3.35
[.132]
1.63
[.064]
POS. 1
POS. 3
POS. 4
POS. 2
8.89
[.350]
4.57
[.180]
2.29
[.090]
3.81
[.150]
14.73
6.10
[.240]
2.54
[.100] 2.54
[.100]
2.54
[.100]
3.68
±.25
[.145
±.010]
90
°
TYP
.46 SQ NOM TYP
[.018]
3.35
[.132]
2.54
±.05
[.100
±.002]
2.54
±.05
[.100
±.002]
2.54
±.05
[.100
±.002]
Ø 1.02
±.05
[.040
±.002]
TYP (8)
ANODE
(+) LEAD
TOP
LED
PART NO.
COLOR*
569-0101-111
Red
569-0102-222
Green
569-0103-333
Yellow
569-0107-777
Orange
569-0108-888
Blue³
* LED 1, LED 2, LED 3, LED 4
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
569-0101-111
Red
635
10
2*
10
60°
521-9216
4-58
569-0102-222
Green
565
12.6
2.1*
10
60°
521-9210
4-58
569-0103-333
Yellow
585
10
2.1*
10
60°
521-9211
4-58
569-0107-777
Orange
600
7
2.2
10
60°
521-9498
4-58
569-0108-888
Blue
428
12
3.5
10
70°
521-9831
4-57
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
See page 4-70 and 4-71 for Reference Only LED Drive Circuit Examples. See page 4-72 for Pin Out
Housing Type
5 6 9 - 0 1 0 x - x x x
LED Type
Series
PART NUMBER ORDERING CODE
Color = 0) Blank 1) Red 2) Green 3) Yellow 7) Orange 8) Blue
Pos. 4
Color
Pos. 2 Color
Pos. 3 Color
Pos. 1
Color
Features
• Multiple CBIs form horizontal LED arrays on 3.35mm
(0.132”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.860 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1,
EN-60825-1
• Compatible with:
569-011x-x00 Narrow Bi-Level
Custom Combinations
Contact factory for information on custom
color combinations
* IF=20mA
NEW
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³


Similar Part No. - 521-9211

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9211 DIALIGHT-521-9211 Datasheet
20Kb / 1P
   3mm Discrete LED High Efficiency Diffused
521-9211 DIALIGHT-521-9211 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
521-9211 DIALIGHT-521-9211 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
521-9211 DIALIGHT-521-9211 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
521-9211 DIALIGHT-521-9211 Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results

Similar Description - 521-9211

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com