Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3P1213A02 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3P1213A02
Description  Miniature Pushwheel Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

3P1213A02 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3P1213A02 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3P1213A02 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3P1213A02 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3P1213A02 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3P1213A02 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3P1213A02 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M-16
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K 3P Series
Miniature Pushwheel Switches
M
Features/Benefits
Snap-in front mount design for
easy assembly
10 position models available
Illuminated backlighting available
Typical Applications
Test & measurement equipment
Industrial machinery
Computer peripherals
Specifications
CONTACT RATING:
CARRY: 1 AMP continuous.
SWITCH: 0.4 VA max., 100 mA max., 28 V DC max.
OPERATING VOLTAGE: 50 mV to 28 V DC.
ELECTRICAL LIFE: 100,000 actuations.
CONTACT RESISTANCE: Below 300 m
Ω typ. @
2-4 V DC, 100 mA.
INSULATION RESISTANCE: 109
Ω min. (dry).
DIELECTRIC STRENGTH: 500 Vrms min. @ sea level
between common terminal and any output.
OPERATING TEMPERATURE: –10ºC to 65ºC.
Materials
HOUSING: Polycarbonate (UL 94V-0).
PUSHWHEEL: Polycarbonate (UL 94V-0).
PUSHBUTTON: Polycarbonate (UL 94V-0).
ROTOR CONTACTS: Gold over nickel over copper alloy.
STATOR CONTACTS: Hard gold over nickel over copper
on epoxy fiberglass.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages M-17 thru M-19. For additional options not shown in catalog, consult Customer Service Center.
Consult factory for illumination availability.
Series
3P (STD.) Miniature pushwheel
Number of Sections
0
Switch section
1
1 Switch section
2
2 Switch sections
3
3 Switch sections
4
4 Switch sections
Dust Lens
0
(STD.) No Iens
2
Dust lens
Function Code
21 BCD 1-2-4-8
23 Complement of BCD 1-2-4-8
Terminations
0
(STD.) Short PCB
1
Extended PCB
3
Short PCB with solder pins
9
Any combination
A Extended PCB with solder pins
Color/Marking/Stops
0
Matte black housing, gloss black wheel,
white marking, black pushbutton
9
Combination of body colors, wheel colors,
marking and/or stops
Mounting Style
0
Snap-in, front mount
3
Snap-in, front mount


Similar Part No. - 3P1213A02

ManufacturerPart #DatasheetDescription
logo
C&K Components
3P1213000 CK-COMPONENTS-3P1213000 Datasheet
254Kb / 5P
   Miniature Pushwheel Switches
More results

Similar Description - 3P1213A02

ManufacturerPart #DatasheetDescription
logo
C&K Components
3P0210000 CK-COMPONENTS-3P0210000 Datasheet
254Kb / 5P
   Miniature Pushwheel Switches
3U CK-COMPONENTS-3U Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
logo
Tyco Electronics
DPS9 MACOM-DPS9 Datasheet
140Kb / 1P
   Pushwheel Switches, Front Mount
DPS8131AK MACOM-DPS8131AK Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-5 MACOM-2-1437603-5 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
DPS8 MACOM-DPS8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-9 MACOM-2-1437603-9 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
SMCD MACOM-SMCD Datasheet
153Kb / 1P
   Pushwheel Switches, Mini, Front Mount
2-1437603-7 MACOM-2-1437603-7 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
2-1437603-8 MACOM-2-1437603-8 Datasheet
151Kb / 1P
   Pushwheel Switches, Mini, Rear Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com