Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

585-2121 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 585-2121
Description  BASED LEDs-MULTI-CHIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

585-2121 Datasheet(HTML) 1 Page - Dialight Corporation

  585-2121 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BASED LED REPLACEMENT LAMPS
Dialight
* Electrical specifications shown are for polarized devices. Non-polarized devices will vary slightly.
T-1 3/4 Based LED Replacement Lamps – Midget Flange Base
PEAK
FORWARD
INTENSITY
WAVELENGTH
NOMINAL
CURRENT
mcd
PART NO.
COLOR
nm
VOLTAGE
mA Typ
Min
Typ
585-1111
Red
630
6
44
18
37
585-1211
Ultra Red
660
6
50
33
67
585-1311
Green
565
6
46
38
77
585-1411
Yellow
585
6
44
10
22
585-1121
Red
630
6
72
14
30
585-1221
Ultra Red
660
6
75
25
50
585-1321
Green
565
6
75
28
56
585-1421
Yellow
585
6
72
8
18
585-11x3*
Red
630
14
30
18
38
585-12x3*
Ultra Red
660
14
30
30
60
585-13x3*
Green
565
14
28
35
70
585-14x3*
Yellow
585
14
30
11
23
585-11x5*
Red
630
28
15
18
38
585-12x5*
Ultra Red
660
28
16
32
64
585-13x5*
Green
565
28
15
38
75
585-14x5*
Yellow
585
28
15
11
23
* Electrical specifications shown are for polarized devices. Non-polarized devices will vary slightly
15.2
[.60]
6.10 [.240]
CENTER
CONTACT (+)
ON POLARIZED
VERSION
Replaces incandescent lamp
numbers - for example: 327, 328,
330, 345, 349, 350, 376, 377, 380,
381, 382, 385, 387, 7332**,
7333**, 7335** and 7341. For
more information, please contact
factory.
585 SERIES BASED LEDs–MULTI-CHIP
T-1 3/4 Based LED Replacement Lamps – Wedge Base
PEAK
FORWARD
INTENSITY
WAVELENGTH
NOMINAL
CURRENT
mcd
PART NO.
COLOR
nm
VOLTAGE
mA Typ
Min
Typ
585-2111
Red
630
6
44
18
37
585-2211
Ultra Red
660
6
50
33
67
585-2311
Green
565
6
46
38
77
585-2411
Yellow
585
6
44
10
22
585-2121
Red
630
6
72
14
30
585-2221
Ultra Red
660
6
75
25
50
585-2321
Green
565
6
75
28
56
585-2421
Yellow
585
6
72
8
18
585-21x3*
Red
630
14
30
18
38
585-22x3*
Ultra Red
660
14
30
30
60
585-23x3*
Green
565
14
28
35
70
585-24x3*
Yellow
585
14
30
11
23
585-21x5*
Red
630
28
15
18
38
585-22x5*
Ultra Red
660
28
16
32
64
585-23x5*
Green
565
28
15
38
75
585-24x5*
Yellow
585
28
15
11
23
17.80
[.700]
5.90 [.230]
+
POLARITY
IDENTIFICATION
Replaces incandescent
lamp numbers - for
example: 17, 18, 37, 56**,
70, 73, 74, 79, 84, 85 and
86. For more information,
please contact factory.
** Use non polarized version.
** Use non polarized version.
NEW
†PART NUMBER ORDERING CODE
585 – 1 xxx
Series
† Polarity Options
1 = Polarized
2 = Non-Polarized
†PART NUMBER ORDERING CODE
585 – 2 xxx
Series
†Polarity Options
1 = Polarized
2 = Non-Polarized
38
Dialight Corporation • 1913 Atlantic Avenue • Manasquan, NJ 08736 • TEL: (732) 223-9400 • FAX: (732) 223-8788 • www.dialight.com


Similar Part No. - 585-2121

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
585-2213 DIALIGHT-585-2213 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
585-2215 DIALIGHT-585-2215 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
585-2221 DIALIGHT-585-2221 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
585-2223 DIALIGHT-585-2223 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
More results

Similar Description - 585-2121

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
585-4XXX DIALIGHT-585-4XXX Datasheet
26Kb / 1P
   585 SERIES BASED LEDs-MULTI-CHIP
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Visual Communications C...
VC18620350 VCC-VC18620350 Datasheet
284Kb / 1P
   Bayonet Based Multi LED
logo
Dialight Corporation
585-1211 DIALIGHT-585-1211 Datasheet
117Kb / 2P
   Multi-Chip BASED LED T1 3/4 Midget Flange
585-2211 DIALIGHT-585-2211 Datasheet
115Kb / 2P
   Multi-Chip BASED LED T 1 3/4 Wedge
585-3211 DIALIGHT-585-3211 Datasheet
116Kb / 2P
   Multi-Chip BASED LED T1 3/4 Bi-Pin
logo
HK TO-GRACE TECHNOLOGY ...
12-22-G6R8C-A30-2C TO-GRACE-12-22-G6R8C-A30-2C Datasheet
1Mb / 12P
   Right Angle Lens Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
17-223-BHR7C-C30-3C EVERLIGHT-17-223-BHR7C-C30-3C_11 Datasheet
325Kb / 13P
   Right Angle Lens Chip LEDs with Bi-Color (Multi-Color)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com