Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

597-3XX1-1XX Datasheet(PDF) 1 Page - Dialight Corporation

Part # 597-3XX1-1XX
Description  Surface Mount LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

597-3XX1-1XX Datasheet(HTML) 1 Page - Dialight Corporation

  597-3XX1-1XX Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-19
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
1
597-3xx1-1xx
1.27
[.050]
2.62 [.103]
.64
[.025]
.38
[.015]
3.05
[.120]
2.30
[.091]
1.65
[.065]
.508 [.020]
CATHODE
ANODE
2.5 [.098]
5.00
[.197]
2.00
[.079]
1.0
[.039]
BLACK BAND
(CATHODE
MARK)
PART NO.*
COLOR
597-3001-1xx
Red
597-3111-1xx AlGaAs Red
597-3211-1xx
Orange
597-3301-1xx
Green
597-3401-1xx
Yellow
Red
AlGaAs Red
Orange
Green
Yellow
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
-3001
-3111
-3211
-3301
-3401
Power Dissipation (mW)
65
45
80
65
70
Forward Current (mA)
25
15
25
25
25
Derating (mA/°C)
.33
.13
.33
.33
.33
Peak Current (mA)
100
60
100
100
100
Pulse width = 1 µs
Operating Temperature (°C)
-30/+75
-30/+75
-30/+75
-30/+75
-30/+75
Storage Temperature (°C)
-30/+85
-30/+85
-30/+85
-30/+85
-30/+85
Soldering Profile
240°C to 260°C for 10 seconds
Red
AlGaAs Red
Orange
Green
Yellow
OPERATING CHARACTERISTICS (TA=25°C)
-3001
-3111
-3211
-3301
-3401
Luminous Intensity (mcd)
Min.
1.6
4*
3
6
3
IF=20mA *IF=10mA
Typical
4
8*
8
12
8
Peak Wavelength (nm)
Typical
630
660
610
565
585
λ Peak
Viewing Angle (2
Θ 11//22)
Typical
170°
170°
170°
170°
160°
Forward Voltage (V)
Typical
2
1.7*
2.1
2
2.1
IF=20mA *IF=10mA
Max.
2.6
2.6*
2.8
2.6
2.8
Reverse Voltage (V), IR=10µA
Min.
4
3
4
4
4
Dimensions in mm [inches]
*ORDERING INFORMATION
597-3xx1-1xx
packaging option
02
20 pieces on tape
07
7" reel, 3000 pcs/reel
TAPING SPECIFICATIONS
(rear side of tape)
®
Surface Mount LED
Features
• Compatible with automatic
placement equipment
• Compatible with infrared
reflow processes
• Packaged on 8mm tape, 7" reels
(meets EIA-481-1 standard)
• Helps to eliminate mixed
technology PC board processing
• Compatible with Dialight's
OptopipeTM Series light pipes
4.00
[.157]
3.50
[.138]
8.00
[.315]
1.50
[.059]
4.00
[.157]
2.00
[.079]
Chamfer Side
of SMD
1.75
[.069]
RECOMMENDED
SOLDER PAD
LAYOUT
CATHODE SIDE
OF SMD
Θ 1/2 is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C


Similar Part No. - 597-3XX1-1XX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
19Kb / 1P
   Optical Light Pipe, 4 Array, Panel Mounted
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
451Kb / 1P
   2 x 5mm Rectangular Optopipe Optical Light Pipe, Single
logo
ITT Industries
597-3XX1-4XX ITT-597-3XX1-4XX Datasheet
20Kb / 1P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-5XX DIALIGHT-597-3XX1-5XX Datasheet
19Kb / 1P
   Optical Light Pipe, 4 Array, Panel Mounted
More results

Similar Description - 597-3XX1-1XX

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com