Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-10AXX0 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # SRBC-10AXX0
Description  NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 1.2 V-5.0 V/10 A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-10AXX0 Datasheet(HTML) 6 Page - Bel Fuse Inc.

  SRBC-10AXX0 Datasheet HTML 1Page - Bel Fuse Inc. SRBC-10AXX0 Datasheet HTML 2Page - Bel Fuse Inc. SRBC-10AXX0 Datasheet HTML 3Page - Bel Fuse Inc. SRBC-10AXX0 Datasheet HTML 4Page - Bel Fuse Inc. SRBC-10AXX0 Datasheet HTML 5Page - Bel Fuse Inc. SRBC-10AXX0 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2006 Bel Fuse Inc. Specifications subject to change without notice. 011906
CORPORATE
FAR EAST
EUROPE
Bel Fuse Inc.
Bel Fuse Ltd.
Bel Fuse Europe Ltd.
206 Van Vorst Street
8F/ 8 Luk Hop Street
Preston Technology Management Centre
Jersey City, NJ 07302
San Po Kong
Marsh Lane, Suite G7, Preston
Tel
201-432-0463
Kowloon, Hong Kong
Lancashire, PR1 8UD, U.K.
Fax 201-432-9542
Tel 852-2328-5515
Tel 44-1772-556601
www.belfuse.com
Fax 852-2352-3706
Fax 44-1772-888366
www.belfuse.com
www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
10 V-14 V Input
1.2 V-5.0 V/10 A Output
Mechanical Outline
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and
other hazardous substances from electronic products.
Pin Connections
Pin
Function
1
Remote On/Off
2
Vin
3
Ground
4
Vout
5
Trim
6
Remote Sense
BOTTOM VIEW
RECOMMENDED PAD LAYOUT
PAD SIZE:
MIN: 0.14"* 0.095" (3.56mm * 2.41mm)
MAX: 0.165"* 0.11" (4.19mm * 2.79mm)


Similar Part No. - SRBC-10AXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-10AXX0 BEL-SRBC-10AXX0_07 Datasheet
313Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-10AXX0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-10A2AX BEL-SRBC-10A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/10 A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
V7BC-10E2AX BEL-V7BC-10E2AX Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/10 A Output
VRBA-06A1AX BEL-VRBA-06A1AX Datasheet
176Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10 V-14 V Input 0.75 V-6.0 V/6 A Output
VRBC-10E1AX BEL-VRBC-10E1AX Datasheet
273Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V - 14 V Input 0.75 V - 3.63 V/10 A Output
VRBA-03A1AX BEL-VRBA-03A1AX Datasheet
161Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
SRBA-06A2AX BEL-SRBA-06A2AX Datasheet
170Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/6 A Output
SRBC-16A1AX BEL-SRBC-16A1AX Datasheet
196Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-16A2AX BEL-SRBC-16A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
VRBA-03E1AX BEL-VRBA-03E1AX Datasheet
163Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com