Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME10-15D Datasheet(PDF) 1 Page - AIMTEC

Part # AME10-15D
Description  10 watt encapsulated ac-dc converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AME10-15D Datasheet(HTML) 1 Page - AIMTEC

  AME10-15D Datasheet HTML 1Page - AIMTEC AME10-15D Datasheet HTML 2Page - AIMTEC AME10-15D Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
96
TO ORDER CALL 1-888-9-AIMTEC
AME10 Series
SWITCHING POWER MODULES FOR PCB MOUNTING
FULLY ENCAPSULATED PLASTIC CASE
UNIVERSAL INPUT RANGE 90 ... 260 VAC, 47 ... 440 Hz
REGULATED OUTPUT
LOW RIPPLE & NOISE
HIGH EFFICIENCY
CE, cUL APPROVALS
10 watt encapsulated ac-dc converter
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification
Model No. (Single Output)
AME10-3.3S
AME10-5S
AME10-12S
AME10-15S
AME10-24S
Max output wattage (W)
10W
10W
10W
10W
10W
Voltage
90 ... 260 VAC or 120 ... 370 VDC
Frequency (Hz)
47 ... 440 Hz
Current (Full Load)
200mA max. (115 VAC) / 130mA max. (230 VAC)
Input
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. (230VAC)
Leakage Current
0.75mA max.
External Fuse (recommended)
1.5 A slow blow type
Voltage (VDC)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max.
3000
2000
833
666
416
Line Regulation (typ.)
±0.3%
Load Regulation (typ.)
±0.5%
Output
Minimum Load
4%
5%
5%
3%
5%
Maximum Capacitive Load
470-23,000m F depending on model
Noise
<0.5% Vout +50mV max (Vp-p)
Ripple
<0.2% Vout +40mV max (Vp-p)
Efficiency
68%
71%
76%
76%
80%
Hold-up Time
15 ms min.
Switching Frequency
100 kHz
Over Current Protection
Hiccup technique, auto-recovery
Protection
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Input-Output (VAC)
3000V
Isolation
Input-FG (VAC)
1500V
Outut-FG (VAC)
500V
Operating Temperature
-25°C ... +71°C
Storage Temperature
-40°C ... +85°C
Environment Temperature Coefficient
0.02% / °C
Humidity
95% RH
MTBF
>230,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.52 x 1.77 x 0.81 inches (64.0 x 45.0 x 20.5 mm)
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Physical
Weight
100g
Cooling Method
Free air convection
Safety
Agency Approvals
cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 50082-1


Similar Part No. - AME10-15D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME10-15DCJZ AIMTEC-AME10-15DCJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-15DCJZ AIMTEC-AME10-15DCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME10-15D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10 AIMTEC-AMEL10 Datasheet
300Kb / 2P
   10 watt encapsulated ac-dc converter
AME30 AIMTEC-AME30 Datasheet
417Kb / 3P
   30 watt encapsulated ac-dc converter
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AMEL05 AIMTEC-AMEL05 Datasheet
307Kb / 2P
   5 watt encapsulated ac-dc converter
AME05 AIMTEC-AME05 Datasheet
364Kb / 3P
   5 watt encapsulated ac-dc converter
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
   10 Watt | AC-DC Converter
logo
ETA-USA
SVS05SA ETA-USA-SVS05SA Datasheet
639Kb / 6P
   10 WATT AC-DC CONVERTER
OBS3.3SA-U ETA-USA-OBS3.3SA-U Datasheet
1Mb / 5P
   10 WATT AC-DC CONVERTER
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com