Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRBC-16F2A0 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # SRBC-16F2A0
Description  NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRBC-16F2A0 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  SRBC-16F2A0 Datasheet HTML 1Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 2Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 3Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 4Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 5Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 6Page - Bel Fuse Inc. SRBC-16F2A0 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 V-5.5 V Input
0.75 V-3.63 V/16 A Output
Non-Isolated
Under-voltage Lockout (UVLO)
High Efficiency
Over Temperature Protection
High Power Density
Wide Input Range
Fixed Frequency (300 kHz)
Wide Trim Range
OCP/SCP
Remote Sense
Flexible Output Voltage
Sequencing
Converter can sink and source
current
Remote On/Off
Active Low/High (option)
Description
The Bel SRBC-16F2Ax modules are a series of non-isolated dc/dc converters that deliver up to 16 A of output
current with full load efficiency of 94% at 3.3 V output. These modules provide precisely regulated voltage
programmable via external resistor from 0.75 V to 3.63 V over a wide range of input voltage (2.4-5.5 V). These
modules have a sequencing feature that enables designers to implement various types of output voltage
sequencing when powering multiple voltages on a board. The open-frame construction and small footprint
enable designers to develop cost and space-efficient solutions. Standard features include remote On/Off,
remote sense, over current protection, short current protection, wide input, and programmable output voltage.
Part Selection
Output
Voltage
Input
Voltage
Max.
Output
Current
Max.
Output
Power
Typical
Efficiency
Model
Number
Active Low
Model
Number
Active High
Model
Number
Active Low
0.75 V-3.63 V
1
2.4 V-5.5 V
16 A
58.1 W
94%
SRBC-16F2AL
SRBC-16F2A0
SRBC-16F2AW
2
Notes
: 1. These modules use a buck topology, so the output voltages must be 0.8 V less than the input voltage.
2. “W” indicates special coating.
3. Add “G” to the end of the Model Number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3 V
-
5.8 V
Output Enable Terminal Voltage
-0.3 V
-
5.8 V
Sequencing Voltage
1
-0.3 V
-
Vin
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Notes
: All specifications are typical at 25 °C unless otherwise stated.
1. SRBC-16F2Ax series of modules include a sequencing feature that enables users to implement
various types of output voltage sequencing in their applications. This is accomplished via an additional
sequencing pin. When the sequencing feature is not used, tie the SEQ pin to Vin.
SRBC-16F2Ax Series
RoHS Compliant


Similar Part No. - SRBC-16F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16F2A0 BEL-SRBC-16F2A0 Datasheet
330Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRBC-16F2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRBC-16F1AX BEL-SRBC-16F1AX Datasheet
322Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16 A Output
VRBC-16F2AX BEL-VRBC-16F2AX Datasheet
173Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
SRBA-06F1AX BEL-SRBA-06F1AX Datasheet
189Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
SRBA-06F2AX BEL-SRBA-06F2AX Datasheet
174Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBA-06F1AX BEL-VRBA-06F1AX Datasheet
182Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
V7BA-06F2AX BEL-V7BA-06F2AX Datasheet
143Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBA-06F2AX BEL-VRBA-06F2AX Datasheet
351Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/6 A Output
VRBC-16F1AX BEL-VRBC-16F1AX Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com