Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7BA-03E1A0 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # V7BA-03E1A0
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7BA-03E1A0 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  V7BA-03E1A0 Datasheet HTML 1Page - Bel Fuse Inc. V7BA-03E1A0 Datasheet HTML 2Page - Bel Fuse Inc. V7BA-03E1A0 Datasheet HTML 3Page - Bel Fuse Inc. V7BA-03E1A0 Datasheet HTML 4Page - Bel Fuse Inc. V7BA-03E1A0 Datasheet HTML 5Page - Bel Fuse Inc. V7BA-03E1A0 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-14V Input
0.75V-5.0V/3A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0V
Vo=3.3V
Vo=0.75V
90%
88%
77%
93%
91%
80%
-
-
-
Measured at Vin=12V, full load
Switching Frequency
200KHz
230KHz
250KHz
Output Voltage Trim Range (Wide
Trim)
0.7525V
-
5V
MTBF
7,900,000 hours
Calculated Per Bell Core TR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions (Vertical Mount)
Inches (L × W × H)
Millimeters (L × W × H)
1.0 x 0.5 x 0.27
25.41 x 12.7 x 6.85
Weight
-
2.5g
-
Note
: All specifications are typical at 25°C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3V
-
0.4V
Signal High (Unit On)
2.5V
-
14V
Signal Low (Unit On)
-0.3V
-
0.4V
Signal High (Unit Off)
2.5V
-
14V
Remote On/Off pin open, Unit on.
Output Trim Equations
Equation for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up resistor should be connected between the Trim pin and Ground.
1
7525
.
0
507
.
10
=
adj
trim
V
R
Equation for calculating the trim voltage (in V) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up voltage should be connected between the Trim pin and Ground.
)
7525
.
0
(
0667
.
0
7
.
0
×
=
adj
trim
V
V
Rtrim
Module
Vout
GND
Trim
Vtrim
Module
Vout
GND
Trim


Similar Part No. - V7BA-03E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
More results

Similar Description - V7BA-03E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
V7BA-06A2AX BEL-V7BA-06A2AX Datasheet
155Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
X7AH-08E BEL-X7AH-08E Datasheet
141Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com