Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7BA-06A2A0 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7BA-06A2A0
Description  NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7BA-06A2A0 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7BA-06A2A0 Datasheet HTML 1Page - Bel Fuse Inc. V7BA-06A2A0 Datasheet HTML 2Page - Bel Fuse Inc. V7BA-06A2A0 Datasheet HTML 3Page - Bel Fuse Inc. V7BA-06A2A0 Datasheet HTML 4Page - Bel Fuse Inc. V7BA-06A2A0 Datasheet HTML 5Page - Bel Fuse Inc. V7BA-06A2A0 Datasheet HTML 6Page - Bel Fuse Inc. V7BA-06A2A0 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3V-14V Input
0.75V-5.0V/6A Output
Non-Isolated
Under-Voltage Lockout (UVLO)
High Efficiency
OCP/SCP
High Power Density
Wide Input Range
Fixed Frequency
Wide Trim Range
Remote On/Off
Active Low/High (option)
Flexible Output Voltage Sequencing
Description
The Bel V7BA-06A2Ax modules are a series of non-isolated DC/DC converters that deliver up to 6A of output
current with full load efficiency of 92% at 5.0V output. These modules provide precisely regulated voltage
programmable via external resistor from 0.75V to 5.0V over a wide range of input voltage (8.3V-14V). These
modules have a sequencing feature that enables designers to implement various types of output voltage
sequencing when powering multiple voltages on a board. The open-frame construction and small footprint
enable designers to develop cost and space-efficient solutions. Standard features include remote On/Off, over
current protection, short current protection, wide input, and programmable output voltage.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active Low
Model Number
Active High
0.75V - 5.0V
8.3V - 14V
6A
30.0W
92%
V7BA-06A2AL
V7BA-06A2A0
Note
: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
15V
Output Enable Terminal Voltage
-0.3V
-
15V
Sequencing Voltage
1
-0.3V
-
Vin
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-55
°C
-
125
°C
Notes
: All specifications are typical at 25
°C unless otherwise stated.
1. V7BA-06A2Ax series of modules include a sequencing feature that enables users to implement
various types of output voltage sequencing in their applications. This is accomplished via an additional
sequencing pin. When the sequencing feature is not used, tie the SEQ pin to Vin.
V7BA-06A2Ax Series


Similar Part No. - V7BA-06A2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
More results

Similar Description - V7BA-06A2A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
V7BC-16F2AX BEL-V7BC-16F2AX Datasheet
168Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4V-5.5V Input 0.75V-3.63V/16A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com