Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7BC-16F2AL Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # V7BC-16F2AL
Description  NON-ISOLATED DC/DC CONVERTERS 2.4V-5.5V Input 0.75V-3.63V/16A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7BC-16F2AL Datasheet(HTML) 5 Page - Bel Fuse Inc.

  V7BC-16F2AL Datasheet HTML 1Page - Bel Fuse Inc. V7BC-16F2AL Datasheet HTML 2Page - Bel Fuse Inc. V7BC-16F2AL Datasheet HTML 3Page - Bel Fuse Inc. V7BC-16F2AL Datasheet HTML 4Page - Bel Fuse Inc. V7BC-16F2AL Datasheet HTML 5Page - Bel Fuse Inc. V7BC-16F2AL Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4V-5.5V Input
0.75V-3.63V/16A Output
Thermal Derating Curves
V7BC-16F2A0, Vo=3.3V
V7BC-16F2A0, Vo=1.8V
V7BC-16F2A0, Vo=0.7525V


Similar Part No. - V7BC-16F2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BC-16E2A0 BEL-V7BC-16E2A0 Datasheet
180Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/16 A Output
V7BC-16E2AL BEL-V7BC-16E2AL Datasheet
180Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/16 A Output
V7BC-16E2AX BEL-V7BC-16E2AX Datasheet
180Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/16 A Output
More results

Similar Description - V7BC-16F2AL

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7BA-06A2AX BEL-V7BA-06A2AX Datasheet
155Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
SRDC-16D250 BEL-SRDC-16D250 Datasheet
157Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
S7DC-16D180 BEL-S7DC-16D180 Datasheet
191Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
S7DC-16D250 BEL-S7DC-16D250 Datasheet
149Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
SRDC-16D330 BEL-SRDC-16D330 Datasheet
183Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com