Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7PB-15E33L Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # V7PB-15E33L
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-15E33L Datasheet(HTML) 5 Page - Bel Fuse Inc.

  V7PB-15E33L Datasheet HTML 1Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 2Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 3Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 4Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 5Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 6Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 7Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 8Page - Bel Fuse Inc. V7PB-15E33L Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input
0.9V-5.0V/15A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0V
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vo=1.5V
Vo=1.2V
Vo=0.9V
88%
87%
85%
83%
81%
79%
75%
92.6%
92%
90%
88%
86%
84%
80%
-
-
-
-
-
-
-
Measured at Vin=12V, full load.
Efficiency
Vo=3.3V
Vo=2.5V
Vo=1.8V
Vo=1.5V
Vo=1.2V
Vo=0.9V
88%
86%
83%
81%
79%
75%
93%
91%
88%
86%
83%
81%
-
-
-
-
-
-
Measured at Vin=5V, full load.
Switching Frequency
180KHz
200KHz
220KHz
Output Voltage Trim Range (Wide Trim)
-
-
403%Vo
Vo=0.9V
Output Voltage Trim Range (Narrow Trim)
Vo=1.2V-5.0V
Vo=0.9V
90%Vo
-
-
-
110%Vo
110%Vo
Remote Sense Compensation
-
-
10%Vo
MTBF
3,714,560 hours
Calculated Per Bell Core TR-
332 (IO = 80%Io,max; Vo=1.8V;
Vin=12V; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.0 x 0.55 x 0.36
50.8 x 13.97 x 9.14
Weight
-
10g
-
Note
: All specifications are typical at 25°C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3V
-
0.4V
Signal High (Unit On)
2.8V
-
13.2V
V7PB-15ExxS
Signal Low (Unit On)
-0.3V
-
0.4V
Signal High (Unit Off)
2.8V
-
13.2V
V7PB-15ExxL


Similar Part No. - V7PB-15E33L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C09L BEL-V7PB-15C09L Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C09S BEL-V7PB-15C09S Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C12L BEL-V7PB-15C12L Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C12S BEL-V7PB-15C12S Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
More results

Similar Description - V7PB-15E33L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com