Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

307-007-525107 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 307-007-525107
Description  CARD EDGE CONNECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

307-007-525107 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  307-007-525107 Datasheet HTML 1Page - List of Unclassifed Manufacturers 307-007-525107 Datasheet HTML 2Page - List of Unclassifed Manufacturers 307-007-525107 Datasheet HTML 3Page - List of Unclassifed Manufacturers 307-007-525107 Datasheet HTML 4Page - List of Unclassifed Manufacturers 307-007-525107 Datasheet HTML 5Page - List of Unclassifed Manufacturers 307-007-525107 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Fax: (416) 754 - 3299
Page 69
CODE x58 & x68 - OFFSET CARD GUIDES
Applicable Series for
"A"
"B"
"C"
"D"
Code x58 Guides
305, 306, 307, 315,
.468 (11.89)
2.755 (69.98)
.125 (3.18)
.423(10.74)
316, 337, 338, 355,
356, 357, 387
345, 395
.468 (11.89)
2.755 (69.98)
.120 (3.05)
.402(10.21)
346, 396
.468 (11.89)
2.755 (69.98)
.120 (3.05)
.398(10.11)
Applicable Series for
"A"
"B"
"C"
"D"
Code x68 Guides
305, 306, 307, 315,
.344 (8.74)
2.505 (63.63)
.060 (1.52)
.242 (6.15)
316, 337, 338, 355,
356, 357, 387
q For Card Guides with .128 (3.25) Dia. Through Hole Inserts, Specify Code x52 or x62.
q For Card Guides with M3-0.5 Metric Threaded Inserts, Specify Code x57 or x67.
q For Field Assembly of Card Guides, Refer to Page 71.
CARD EDGE CONNECTORS - MOUNTING OPTIONS
Standard Mounting Details
CODE x78 & x88 - IN-LINE CARD GUIDES
Applicable Series for
"B"
"C"
Code x78 Guides
305, 306, 307, 315, 316, 337, 338,
1.550 (39.37)
.090 (2.29)
355, 356, 357, 387
317
1.712 (43.48)
.110 (2.79)
345, 395
2.750 (69.85)
.083 (2.11)
346, 396
2.750 (69.85)
.091 (2.31)
Applicable Series for
"B"
"C"
Code x88 Guides
345, 395
1.250 (31.75)
.083 (2.11)
q In-Line Card Guides are Not Suitable for the Flush Mounting Lug Versions of 337,
387, 346 or 396 Series
q For Card Guides with .128 (3.25) Dia. Through Hole Inserts, Specify Code x72 or x82.
q For Card Guides with M3-0.5 Metric Threaded Inserts, Specify Code x77 or x87
q For Field Assembly of Card Guides, Refer to Page 71.


Similar Part No. - 307-007-525107

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
307-007-525-1-01 EDAC-307-007-525-1-01 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-525-1-02 EDAC-307-007-525-1-02 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-525-1-03 EDAC-307-007-525-1-03 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-525-1-04 EDAC-307-007-525-1-04 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
307-007-525-1-07 EDAC-307-007-525-1-07 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
More results

Similar Description - 307-007-525107

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CE-60-U-E-BR ADAM-TECH-CE-60-U-E-BR Datasheet
90Kb / 1P
   CARD EDGE CONNECTOR
CE-50-U-PF-CC ADAM-TECH-CE-50-U-PF-CC Datasheet
87Kb / 1P
   CARD EDGE CONNECTOR
CE-XX-U ADAM-TECH-CE-XX-U Datasheet
115Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U-BR ADAM-TECH-CE-98-U-BR Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
HDCE-188-G ADAM-TECH-HDCE-188-G Datasheet
126Kb / 1P
   ELSA CARD EDGE CONNECTOR
logo
Samtec, Inc
PEC-07-02-T-S-A SAMTEC-PEC-07-02-T-S-A Datasheet
311Kb / 1P
   POWER EDGE CARD CONNECTOR
logo
Adam Technologies, Inc.
CERA-XX-U-HT ADAM-TECH-CERA-XX-U-HT Datasheet
86Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-XX-U-156 ADAM-TECH-CE-XX-U-156 Datasheet
79Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CE-98-U ADAM-TECH-CE-98-U Datasheet
120Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
CERA-XX-U ADAM-TECH-CERA-XX-U Datasheet
97Kb / 1P
   CARD EDGE CONNECTOR VERTICAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com