Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7PB-10D15S Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # V7PB-10D15S
Description  NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-10D15S Datasheet(HTML) 2 Page - Bel Fuse Inc.

  V7PB-10D15S Datasheet HTML 1Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 2Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 3Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 4Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 5Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 6Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 7Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 8Page - Bel Fuse Inc. V7PB-10D15S Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-13.2V Input
0.9V-5.0V/10A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Reflected Ripple Current (pk-pk)
-
-
250mA
Input Reflected Ripple Current (RMS)
-
-
70mA
Tested with a 22uF tantalum input
capacitor & simulated source
impedance of 500nH, 5Hz to 20MHz.
I
2t Inrush Current Transient
-
0.04A
2s
0.08A
2s
Turn-on Voltage Threshold
-
2.9V
-
Turn-off Voltage Threshold
Vo=5.0V
Vo=3.3V
Vo=0.9-2.5V
-
-
-
-
-
-
5.5V
3.8V
2.95V
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
4.900V
3.247V
2.460V
1.772V
1.476V
1.181V
0.886V
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
0.9V
5.100V
3.353V
2.540V
1.828V
1.524V
1.219V
0.914V
Test condition:
Vin=12V, lout=full load
Load Regulation
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
-
-
-
-
-
-
-
10mV
6mV
6mV
5mV
3mV
3mV
3mV
20mV
16mV
12mV
9mV
7mV
6mV
5mV
Line Regulation
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
-
-
-
-
-
-
-
2mV
2mV
2mV
2mV
2mV
2mV
2mV
10mV
10mV
8mV
5mV
5mV
5mV
5mV
Regulation Over Temperature
(-40
°C to 85 °C)
VO=5.0V
VO=0.9-3.3V
-
-
8mV
5mV
35mV
35mV
Output Current
0A
-
10A
Current Limit Threshold
13A
-
25A
Short Circuit Surge Transient
-
0.8A
2s
1.5A
2s
Ripple and Noise Vin=12V
(Test condition: 0-20MHz BW, 22uF tan. capacitor on output)
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.5-1.8V
VO=0.9-1.2V
-
-
-
-
-
75mV
75mV
60mV
45mV
40mV
120mV
100mV
80mV
60mV
55mV
Pk-pk
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.5-1.8V
VO=0.9-1.2V
-
-
-
-
-
25mV
25mV
20mV
15mV
12mV
50mV
40mV
35mV
25mV
20mV
RMS


Similar Part No. - V7PB-10D15S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-10A BEL-V7PB-10A Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10L BEL-V7PB-10A10L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A10S BEL-V7PB-10A10S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12L BEL-V7PB-10A12L Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
V7PB-10A12S BEL-V7PB-10A12S Datasheet
511Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A
More results

Similar Description - V7PB-10D15S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com