Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7PB-15E15S Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # V7PB-15E15S
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PB-15E15S Datasheet(HTML) 6 Page - Bel Fuse Inc.

  V7PB-15E15S Datasheet HTML 1Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 2Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 3Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 4Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 5Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 6Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 7Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 8Page - Bel Fuse Inc. V7PB-15E15S Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input
0.9V-5.0V/15A Output
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal
output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between
the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of
the resistors should be used for any given application.
B
V
V
A
R
adj
nom
TrimDown
=
D
V
V
C
R
nom
adj
TrimUp
=
Vnom
A
B
C
D
0.9 - 3.63
N/A
N/A
6.008
2.150
5.0
31.574
19.010
6.008
11.50
3.3
18.8157
25.310
6.008
17.800
2.5
12.7927
30.110
6.008
22.600
1.8
7.5426
39.110
6.008
31.600
1.5
5.2865
33.610
6.008
26.100
1.2
3.027
24.410
6.008
16.900
0.9
N/A
N/A
6.008
64.900
Efficiency Data
MODULE 5.0V
70%
75%
80%
85%
90%
95%
100%
1.5
3.75
7.5
11.25
15.0
OUTPUT CURRENT
12V
MODULE 3.3V
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
1.5
3.75
7.5
11.25
15.0
OUTPUT CURRENT
5V
12V
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - V7PB-15E15S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PB-15C BEL-V7PB-15C Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C09L BEL-V7PB-15C09L Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C09S BEL-V7PB-15C09S Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C12L BEL-V7PB-15C12L Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
V7PB-15C12S BEL-V7PB-15C12S Datasheet
163Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 0.9 V-2.5 V/15 A Output
More results

Similar Description - V7PB-15E15S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com