Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRBC-10E1A0 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRBC-10E1A0
Description  NON-ISOLATED DC/DC CONVERTERS 4.5 V - 14 V Input 0.75 V - 3.63 V/10 A Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10E1A0 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRBC-10E1A0 Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10E1A0 Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10E1A0 Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10E1A0 Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10E1A0 Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10E1A0 Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10E1A0 Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10E1A0 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5 V - 14 V Input
0.75 V - 3.63 V/10 A Output
Efficiency Data
Module 3.3 V
70.0%
80.0%
90.0%
100.0%
1 A
2.5 A
5 A
7.5 A
10 A
Output current
5.0 V
12.0 V
Module 2.5 V
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
1 A2.5 A5 A7.5 A
10 A
Output current
5.0 V
12.0 V
Module 1.8 V
70.0%
80.0%
90.0%
100.0%
1 A
2.5 A
5 A
7.5 A
10 A
Output current
5.0 V
12.0 V
Module 1.5 V
70.0%
80.0%
90.0%
100.0%
1 A
2.5 A
5 A
7.5 A
10 A
Output current
5.0 V
12.0 V
Module 1.2 V
60.0%
70.0%
80.0%
90.0%
100.0%
1 A
2.5 A
5 A
7.5 A
10 A
Output current
5.0 V
12.0 V
Module 0.75 V
60.0%
70.0%
80.0%
90.0%
100.0%
1 A
2.5 A
5 A
7.5 A
10 A
Output current
5.0 V
12.0 V


Similar Part No. - VRBC-10E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRBC-10E1A0 BEL-VRBC-10E1A0 Datasheet
273Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRBC-10E1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BC-10E2AX BEL-V7BC-10E2AX Datasheet
167Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/10 A Output
V7BC-16E2AX BEL-V7BC-16E2AX Datasheet
180Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-3.63 V/16 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
VRBA-03E1AX BEL-VRBA-03E1AX Datasheet
163Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5 V-14 V Input 0.75 V-5.0 V/3 A Output
SRBA-06F1AX BEL-SRBA-06F1AX Datasheet
189Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
SRBA-06F2AX BEL-SRBA-06F2AX Datasheet
174Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
SRBC-16F1AX BEL-SRBC-16F1AX Datasheet
322Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16 A Output
SRBC-16F2AX BEL-SRBC-16F2AX Datasheet
209Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
VRBA-06F1AX BEL-VRBA-06F1AX Datasheet
182Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/6 A Output
VRBC-16F2AX BEL-VRBC-16F2AX Datasheet
173Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com