Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCM03-3003R102 Datasheet(PDF) 6 Page - ITT Industries

Part # CCM03-3003R102
Description  CCM03-3517
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CCM03-3003R102 Datasheet(HTML) 6 Page - ITT Industries

  CCM03-3003R102 Datasheet HTML 1Page - ITT Industries CCM03-3003R102 Datasheet HTML 2Page - ITT Industries CCM03-3003R102 Datasheet HTML 3Page - ITT Industries CCM03-3003R102 Datasheet HTML 4Page - ITT Industries CCM03-3003R102 Datasheet HTML 5Page - ITT Industries CCM03-3003R102 Datasheet HTML 6Page - ITT Industries CCM03-3003R102 Datasheet HTML 7Page - ITT Industries CCM03-3003R102 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
24
Dimensions are shown in mm
Dimensions subject to change
www.ittcannon.com
Contacts
Copper alloy
Contacts finish
Gold over nickel
PC tail plating
Tin lead (2µ min)
Molding
High temp. thermoplastic, UL94V-0
Cover
Stainless steel
Number of Contacts
6
Mechanical life
10,000 cycles min
Contact force
0.35 N min / 0.50 N max
Vibration
Frequency 10 to 500 Hz. Acceleration 50m/s2
Duration 6 hours - amplitude 0.35 mm
(0.014) Max electrical discontinuity 1µs
Insulation resistance
1,000 M
Ω min
Resistance
100 m
Ω max
Current rating
10 µA min / 1 A max
Dielectric strength
750 Vrms min
Card detection switch
Normally open
Contact resistance
100 m
Ω max
Dielectric strength
250 Vrms min
Current rating
1mA min / 10m A max
Maximum power
0.2 VA
Operating temperature
-40°C to +85°C
Soldering temperature
Temperature/time profile acc. to CECC00802
para. 6.1, Fig. 3 with peak temperature 250°C
Damp heat
IEC 512 test number 11c (10 days)
Salt mist
IEC 512 test number 11f (96 hours)
5 reels per box.
CCM03 MK II with Auto Lock cover
A new range of CCM03 connectors
have been developed to interface with
SIM/SAM cards as defined by GSM11-
11 and ENV1375-1. The connectors are
available with a hinged metallic cover
and have been designed to provide an
easier open/lock function and side card
entry.
Features
• Available with 6 cross contacts which
are designed to give a consistently
reliable normal force over the life of
the connector.
• The hinged metallic cover can auto-
matically lock by pressure.
• Side entry of the card ensures easier
positioning of the card into the con-
nector.
• Insulated blade switch version
available for detection card when
cover is closed.
• The molding is polarized so that the
cover can only be closed if the card is
correctly inserted.
• Inspection slots allow an electrical test
to be made without opening the cover.
• With tape and reel packaging as
standard, the connectors are designed
to be automatically pick-and-placed.
• The moldings are made from high-
temperature thermoplastics suited to
infrared and convection soldering
processes.
• Robustly formed printed circuit tails
allow a coplanarity of ± 0,05 mm to
be maintained.
Part Number
Number of
Cover
Card Presence
Quantity
Contacts
Switch
per reel
CCM03-3517
6
Side Hinged
No
1300
CCM03-3518
6
Front Hinged
Yes (insulated)
1300
CCM03-3529
6
Front Hinged
No
1300
Construction
Mechanical Data
Contact Electrical Data
Switch Electrical Data
Environmental Data
Ordering Code
Packaging


Similar Part No. - CCM03-3003R102

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03-3003 CK-COMPONENTS-CCM03-3003 Datasheet
593Kb / 16P
   CCM03 MK II
CCM03-3003LFT CK-COMPONENTS-CCM03-3003LFT Datasheet
1Mb / 16P
   CCM03 Series
CCM03-3003LFT CK-COMPONENTS-CCM03-3003LFT Datasheet
1Mb / 15P
   Compatible with pick and place and
CCM03-3003LFTR102 CK-COMPONENTS-CCM03-3003LFTR102 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
More results

Similar Description - CCM03-3003R102

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM03 CK-COMPONENTS-CCM03 Datasheet
1Mb / 16P
   CCM03 Series
CCM03-3001 CK-COMPONENTS-CCM03-3001_13 Datasheet
593Kb / 16P
   CCM03 MK II
CCM03MK2 CK-COMPONENTS-CCM03MK2_V01 Datasheet
1Mb / 12P
   CCM03 MK2 Series
2022
CCM03MK3 CK-COMPONENTS-CCM03MK3 Datasheet
324Kb / 4P
   CCM03 MK3 Series
6 Feb 19
logo
List of Unclassifed Man...
THB-3517 ETC2-THB-3517 Datasheet
2Mb / 2P
   Interface Base Board for TAM-3517 Series
TWISTER ETC2-TWISTER Datasheet
1Mb / 1P
   Interface Base Board for TAM-3517 Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com