Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7AH-01F50N Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # V7AH-01F50N
Description  NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7AH-01F50N Datasheet(HTML) 1 Page - Bel Fuse Inc.

  V7AH-01F50N Datasheet HTML 1Page - Bel Fuse Inc. V7AH-01F50N Datasheet HTML 2Page - Bel Fuse Inc. V7AH-01F50N Datasheet HTML 3Page - Bel Fuse Inc. V7AH-01F50N Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input
-5V/1A & -12V/0.5A Output
Non-Isolated
Low Cost
Fixed Frequency
Excellent Thermal Performance
High Efficiency
High Power Density
OCP/SCP
Industrial Temperature Range
Description
The Bel x7AH-01FxxN modules are non-isolated, step down DC/DC converters that operate from a 3V-5.5V
source. Output voltage are -5V,-12V. They are packaged in a compact, overmolded package rated at 1A, 0.5A.
Optional lead forming provides a vertical mount product for minimal footprint or a surface mount option for a very
low profile. The output is closely regulated and the efficiency is typically 88% at 1A, -5V output at full load.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
-5V
3.0V – 5.5V
1A
5W
88%
S7AH-01F50N
V7AH-01F50N
-12V
3.0V – 5.5V
0.5A
6W
88%
S7AH-01FX2N
V7AH-01FX2N
Note: Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
7V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
3V
-
5.5V
Input Current (full load)
VO=-5V
VO=-12V
-
-
-
-
2.1A
2.5A
Input Current (no load)
VO=-5V
VO=-12V
-
-
-
-
150mA
200mA
Input Reflected Ripple Current (pk-pk)
-
80mA
160mA
Input Reflected Ripple Current (RMS)
-
20mA
50mA
For -5V output, use a 680uF/6.3V
Oscon capacitor; For -12V output,
use 1000uF electrolytic capacitor &
22uF/10V ceramic at the input.
I
2t Inrush Current Transient
-
-
0.01A
2s
Turn-on Voltage Threshold
-
2.63V
-
Turn-off Voltage Threshold
VO=-5V
VO=-12V
0.4V
1.0V
-
-
2.0V
2.3V
Note: All specifications are typical at 25°C unless otherwise stated.
x7AH-01FxxN Series


Similar Part No. - V7AH-01F50N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7AH-01CX20 BEL-V7AH-01CX20 Datasheet
144Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output
V7AH-01CX50 BEL-V7AH-01CX50 Datasheet
144Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3 V-3.6 V Input 12 V/0.8 A & 15 V/0.6 A Output
V7AH-01H120 BEL-V7AH-01H120 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7AH-01H150 BEL-V7AH-01H150 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7AH-01H180 BEL-V7AH-01H180 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
More results

Similar Description - V7AH-01F50N

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-01K BEL-X7AH-01K Datasheet
97Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
X7AH-12FXX0 BEL-X7AH-12FXX0 Datasheet
223Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
X7AH-12F1A0 BEL-X7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com