Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-01H500 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # S7AH-01H500
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-01H500 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  S7AH-01H500 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-32V Input
1.2V-5.0V/1A Output
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3V
-
1V
Signal High (Unit Off)
2.8V
-
12V
Remote on/off pin open, unit on.
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal
output voltage of the converter (Vo) are shown below. The Trim Down resistor should be connected between the
Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of the
resistors should be used for any given application.
B
V
V
A
R
adj
o
TrimDown
=
D
V
V
C
R
o
adj
TrimUp
=
Vo
A
B
C
D
5.0
153.56
85.20
29.20
48.70
3.3
53.80
21.50
17.20
X
2.5
36.70
21.50
17.20
X
1.8
21.70
21.50
17.20
X
1.5
15.20
21.50
17.20
X
1.2
8.70
21.50
17.20
X
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - S7AH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-01H1A0 BEL-S7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
More results

Similar Description - S7AH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
X7AH-01H1A0 BEL-X7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com