Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-01H500 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # S7AH-01H500
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-01H500 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  S7AH-01H500 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-01H500 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-32V Input
1.2V-5.0V/1A Output
Non-Isolated
OCP/SCP
Remote On/Off
Trim Function
Input Under Voltage Lockout
(UVLO)
Low profile package (7.82mm)
Description
The Bel x7AH-01Hxx0 series are part of the low cost non-isolated DC/DC converter series. These modules use
a SMD or vertical mount package for ease of layout and space savings. The output is closely regulated and the
efficiency of 5V output is typically 90% at full load. Typical features include remote on/off, input under voltage
lockout, over current protection and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Part Number
Surface Mount
Part Number
Vertical Mount
5.0V
8.0 – 32V
1A
5.0W
90%
S7AH-01H500
V7AH-01H500
3.3V
4.5 – 32V
1A
3.3W
86%
S7AH-01H330
V7AH-01H330
2.5V
4.5 –32V
1A
2.5W
83%
S7AH-01H250
V7AH-01H250
1.8V
4.5 – 32V
1A
1.8W
79%
S7AH-01H180
V7AH-01H180
1.5V
4.5 – 32V
1A
1.5W
76%
S7AH-01H150
V7AH-01H150
1.2V
4.5 – 32V
1A
1.2W
73%
S7AH-01H120
V7AH-01H120
Note:
Add “0” suffix at the end of the model number to indicate “Tube Packaging”, and “R” for “Reel
Packaging”, and “G” for “Tray Packaging”.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
34V
Output Enable Terminal Voltage
-0.3V
-
12V
Ambient Temperature
-40
°C
-
85
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
VO=5.0V
VO=1.2V-3.3V
8.0V
4.5V
20V
20V
32V
32V
Input Current (no load)
-
5mA
8mA
Input Current (full load)
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
-
-
-
-
-
-
-
-
-
-
-
-
0.30A
0.20A
0.16A
0.12A
0.11A
0.09A
Remote Off Input Current
-
2mA
5mA
x7AH-01Hxx0
Series


Similar Part No. - S7AH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-01H1A0 BEL-S7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
More results

Similar Description - S7AH-01H500

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
X7AH-01H1A0 BEL-X7AH-01H1A0 Datasheet
150Kb / 6P
   NON-ISOLATED DC/DC CONVERTER 4.5V-32V Input 1.2V-3.3V/1A Output
SRDB-07A BEL-SRDB-07A Datasheet
256Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7DB-07A BEL-S7DB-07A Datasheet
249Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com