Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7AH-03C1A0 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # V7AH-03C1A0
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7AH-03C1A0 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  V7AH-03C1A0 Datasheet HTML 1Page - Bel Fuse Inc. V7AH-03C1A0 Datasheet HTML 2Page - Bel Fuse Inc. V7AH-03C1A0 Datasheet HTML 3Page - Bel Fuse Inc. V7AH-03C1A0 Datasheet HTML 4Page - Bel Fuse Inc. V7AH-03C1A0 Datasheet HTML 5Page - Bel Fuse Inc. V7AH-03C1A0 Datasheet HTML 6Page - Bel Fuse Inc. V7AH-03C1A0 Datasheet HTML 7Page - Bel Fuse Inc. V7AH-03C1A0 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3V Input
0.9V-2.5V/3A Output
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal
output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between
the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of
the resistors should be used for any given application.
B
V
V
A
R
adj
nom
trimdown
=
D
V
V
C
R
nom
adj
trimup
=
Vnom
A
B
C
D
Notes
0.9 – 2.5
N/A
N/A
3.712
1.54
Vo=0.9V when Rtrim is open
2.5
7.9117
16.14
3.712
11.5
Vo=2.505V when Rtrim is open
1.8
4.6538
20.84
3.712
16.2
Vo=1.803V when Rtrim is open
1.5
3.2633
16.14
3.712
11.5
Vo=1.503V when Rtrim is open
1.2
1.8699
11.45
3.712
6.81
Vo=1.203V when Rtrim is open
0.9
N/A
N/A
3.712
33.2
Vo=0.903V when Rtrim is open
Module
Vout
Trim
GND
Rtrimdown
Module
Vout
Trim
GND
Rtrimup


Similar Part No. - V7AH-03C1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7AH-03C500 BEL-V7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
More results

Similar Description - V7AH-03C1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-10J BEL-X7AH-10J Datasheet
127Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com