Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7AH-03C150 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # V7AH-03C150
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7AH-03C150 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  V7AH-03C150 Datasheet HTML 1Page - Bel Fuse Inc. V7AH-03C150 Datasheet HTML 2Page - Bel Fuse Inc. V7AH-03C150 Datasheet HTML 3Page - Bel Fuse Inc. V7AH-03C150 Datasheet HTML 4Page - Bel Fuse Inc. V7AH-03C150 Datasheet HTML 5Page - Bel Fuse Inc. V7AH-03C150 Datasheet HTML 6Page - Bel Fuse Inc. V7AH-03C150 Datasheet HTML 7Page - Bel Fuse Inc. V7AH-03C150 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.3V Input
0.9V-2.5V/3A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Ripple and Noise (RMS)
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
-
-
-
-
-
10mV
10mV
10mV
10mV
10mV
20mV
20mV
20mV
20mV
20mV
Ripple and Noise (pk-pk)
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=0.9V
-
-
-
-
-
45mV
45mV
45mV
45mV
45mV
70mV
70mV
70mV
70mV
70mV
Test conditions:
0-20MHz BW; 0.1uF
ceramic capacitor and 10uF
tantalum capacitor at the
output.
Turn on Time
-
7mS
15mS
Overshoot at Turn on
-
0%
1%
Output Capacitance
0uF
-
1200uF
Transient Response
Overshoot
-
100mV
130mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
100mV
130mV
100% ~ 50%
Max Load
Settling Time
VO=2.5V
-
30uS
60uS
Overshoot
-
100mV
130mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
100mV
130mV
100% ~ 50%
Max Load
Settling Time
VO=1.8V
-
30uS
60uS
Overshoot
-
90mV
120mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
90mV
120mV
100% ~ 50%
Max Load
Settling Time
VO=1.5V
-
30uS
60uS
Overshoot
-
90mV
120mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
90mV
120mV
100% ~ 50%
Max Load
Settling Time
VO=1.2V
-
30uS
60uS
Overshoot
-
90mV
120mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
90mV
120mV
100% ~ 50%
Max Load
Settling Time
VO=0.9V
-
30uS
60uS
Test conditions:
di/dt=0.5A/us, Vin=3.3V,
without any external
capacitor at the output.
Note:
All specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - V7AH-03C150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7AH-03C500 BEL-V7AH-03C500 Datasheet
132Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-3.6 V Input 5.0 V/3 A Output
More results

Similar Description - V7AH-03C150

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
X7AH-10J BEL-X7AH-10J Datasheet
127Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
SRAH-05C BEL-SRAH-05C Datasheet
210Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com