Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1140-G111-P1M1-11A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1140-G111-P1M1-11A
Description  Thermal Overcurrent Circuit Breaker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1140-G111-P1M1-11A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1140-G111-P1M1-11A Datasheet HTML 1Page - List of Unclassifed Manufacturers 1140-G111-P1M1-11A Datasheet HTML 2Page - List of Unclassifed Manufacturers 1140-G111-P1M1-11A Datasheet HTML 3Page - List of Unclassifed Manufacturers 1140-G111-P1M1-11A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
USA (847) 827-7600 - CANADA (905) 764-9510
Issue C
47
Voltage rating
AC 240 V; DC 48 V
(AC250 V; DC 50 V UL/CSA)
Current ratings
0.05...16 A
Typical life
0.05...3 A 3,000 operations at 2 x IN
3.5... 8 A 1,000 operations at 2 x IN
10... 16 A
50 operations at 2 x IN
Ambient temperature
-20...+60
°C (-4...+140 °F) T 60
Insulation co-ordination
Rated impulse
Pollution
(IEC 60664 and 60664A)
withstand voltage degree
2.5 kV
2
reinforced insulation in operating area
Dielectric strength
(IEC 60664 and 60664A)
Test voltage
operating area
AC 3,000 V
pole/pole
AC 1,500 V
Insulation resistance
> 100 M
Ω (DC 500 V)
Interrupting capacity Icn
0.05...3 A
6 x IN
3.5... 8 A
8 x IN
10... 16 A
120 A
Interrupting capacity
IN
UN
(UL 1077)
0.05...16 A
DC 50 V
200 A
0.05...7 A
AC 250 V
1,000 A
8...16 A
AC 250 V
2,000 A
Degree of protection
operating area IP 40
(IEC 60529/DIN 40050)
terminal area IP 00
Vibration
10 g (57-500 Hz)
±0.76 mm (10-57 Hz),
to IEC 60068-2-6, Test Fc,
10 frequency cycles/axis
Shock
25 g (11 ms)
to IEC 60068-2-27, test Ea
Corrosion
96 hours at 5 % salt mist,
to IEC 60068-2-11, test Ka
Humidity
240 hours at 95 % RH
to IEC 60068-2-3, test Ca
Mass
approx. 13 g
Thermal Overcurrent Circuit Breaker 1140-... (2 pole)
Ordering information
Technical data
Current
Internal
Current
Internal
rating (A)
resistance (
Ω)
rating (A)
resistance (
Ω)
Standard current ratings and typical internal resistance values
1.8
0.3
2
0.3
2.5
0.2
3
0.1
3.5
0.06
4
0.04
5
0.03
6
0.02
7
< 0.02
8
< 0.02
10
< 0.02
12
< 0.02
15
< 0.02
16
< 0.02
0.05
345
0.06
240
0.08
142
0.1
88
0.2
24
0.3
9.9
0.4
5.9
0.5
3.7
0.6
2.2
0.7
1.9
0.8
1.4
1
0.9
1.2
0.6
1.5
0.5
Authority
Voltage ratings
Current ratings
VDE
AC 240 V; DC 28 V
0.05...16 A
UL, CSA
AC 250 V; DC 50 V
0.05...16 A
Kema (EN 60934)
AC 240 V; DC 48 V
0.05...16 A
Approvals
1140-G.5.
Description
Miniaturised double pole thermal circuit breaker with push-to-reset tease-
free, trip-free, snap action mechanism (R-type TO CBE to EN 60934).
Threadneck panel mounting. Suitable for line and neutral switching - the
thermal actuator operating on one pole simultaneously opens both poles
under overload conditions. Approved to CBE standard EN 60934 (IEC
60934).
Typical applications
Motors, transformers, solenoids, hand-held machines and appliances.
Especially suited to AC duties where the correct orientation of line/
neutral is not known/cannot be guaranteed.
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved.Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
Type No.
1140
double pole threadneck panel mounting
Mounting
G1 threadneck panel mounting 3/8-27UNS, with hex nut and knurled nut *
G2 threadneck panel mounting 3/8-27UNS, with plastic knurled nut*
Number of poles
5 double pole, 1 pole protected
Actuator style
1
black push button (standard)
Terminal design
P7
blade terminals DIN 46244-C
(QC 2x.110)
Characteristic curve
M1
medium delay
Current ratings
0.05...16 A
1140 - G1 5 1 - P7 M1 - 16 A
ordering example
*mounting hardware bulk shipped
Packaging quantity: 125 pcs


Similar Part No. - 1140-G111-P1M1-11A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1140-G111-P1M1-10A ETAL-1140-G111-P1M1-10A Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
1140-G111-P1M1-16A ETAL-1140-G111-P1M1-16A Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
More results

Similar Description - 1140-G111-P1M1-11A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1410-L210-L2F1-S02-5A ETAL-1410-L210-L2F1-S02-5A Datasheet
96Kb / 2P
   Thermal Overcurrent Circuit Breaker 1410-L/-G
logo
List of Unclassifed Man...
808-H-1A ETC1-808-H-1A Datasheet
53Kb / 2P
   Magnetic Overcurrent Circuit Breaker
logo
PHOENIX CONTACT
102774 PHOENIX-102774 Datasheet
197Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
Schurter Inc.
TA35-EFCTF005 SCHURTER-TA35-EFCTF005 Datasheet
3Mb / 6P
   Thermal Circuit Breaker
logo
PHOENIX CONTACT
100212 PHOENIX-100212 Datasheet
175Kb / 3P
   Thermal Circuit Breaker
11/2006
logo
Schurter Inc.
T9-311C-4A SCHURTER-T9-311C-4A Datasheet
222Kb / 4P
   Resettable Thermal Circuit Breaker
logo
Schneider Electric
HGL36070AB SCHNEIDER-HGL36070AB Datasheet
140Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, Circuit breaker, PowerPact H, thermal magnetic,
HJA260503 SCHNEIDER-HJA260503 Datasheet
119Kb / 2P
   Circuit breaker, PowerPacT H, thermal magnetic, Circuit breaker, PowerPacT H, thermal magnetic, 80% rated
logo
PHOENIX CONTACT
0712107 PHOENIX-0712107 Datasheet
243Kb / 9P
   Thermal device circuit breaker - TCP 0.1A
15.05.2012
logo
ETAL Group
1115-F111-P1T1 ETAL-1115-F111-P1T1 Datasheet
168Kb / 2P
   Single pole thermal reset circuit breaker
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com