Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-12F1A0 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # S7AH-12F1A0
Description  NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-12F1A0 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S7AH-12F1A0 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-12F1A0 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-12F1A0 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-12F1A0 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-12F1A0 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-12F1A0 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input
0.8V-3.3V/12A Output
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3V
-
0.8V
Signal High (Unit On)
2.4V
-
Vin,max
Remote on/off pin open, unit on.
Output Trim Equations
Equations for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) and the nominal
output voltage of the converter (Vnom) are shown below. The Trim Down resistor should be connected between
the Trim pin and Vout. The Trim Up resistor should be connected between the Trim pin and Ground. Only one of
the resistors should be used for any given application.
187
.
10
9
.
0
0
.
2
=
adj
TrimDown
V
R
187
.
0
9
.
0
0
.
7
=
adj
TrimUp
V
R
Thermal Derating Curves
S7AH-12F330
V7AH-12F330
S7AH-12F250
V7AH-12F250
Trim_do
Trim_up


Similar Part No. - S7AH-12F1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-12F100 BEL-S7AH-12F100 Datasheet
223Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
S7AH-12F120 BEL-S7AH-12F120 Datasheet
223Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
S7AH-12F150 BEL-S7AH-12F150 Datasheet
223Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
S7AH-12F180 BEL-S7AH-12F180 Datasheet
223Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
More results

Similar Description - S7AH-12F1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-12FXX0 BEL-X7AH-12FXX0 Datasheet
223Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
X7AH-08E BEL-X7AH-08E Datasheet
141Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com