Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-12F330 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # S7AH-12F330
Description  NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 1.0V-3.3V/12A Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-12F330 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S7AH-12F330 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-12F330 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-12F330 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-12F330 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-12F330 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-12F330 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-12F330 Datasheet HTML 7Page - Bel Fuse Inc. S7AH-12F330 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
3.0V-5.5V Input
1.0V-3.3V/12A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
90%
86%
84%
81%
79%
77%
93%
89%
87%
84%
82%
80%
-
-
-
-
-
-
Vin=5V, full load
Efficiency
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
85%
81%
79%
76%
88%
84%
82%
79%
-
-
-
-
Vin=3.3V, full load
Switching Frequency
250KHz
300KHz
350KHz
Output Trim Range
90%VO
-
110%VO
Remote Sense Compensation
-
-
10%
SMD module
MTBF
4,038,174 hours
Calculated Per Bell Core TR-332 (IO
= 9.6A, Vin=5V; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.70 x 0.32
19.81 x 17.78 x 8.128
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.70 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5.1g
-
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
-
-
0.9V (Vin=3.0V)
-
-
1.35V (Vin=4.5V)
Signal Low (Unit Off)
-
-
1.65V (Vin=5.5V)
2.1V (Vin=3.0V)
-
-
3.15V (Vin=4.5V)
-
-
Signal High (Unit On)
3.85V (Vin=5.5V)
-
-
Remote on/off pin open, unit on.


Similar Part No. - S7AH-12F330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-12F1A0 BEL-S7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
More results

Similar Description - S7AH-12F330

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
X7AH-12F1A0 BEL-X7AH-12F1A0 Datasheet
187Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.8V-3.3V/12A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-12C BEL-S7DB-12C Datasheet
168Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 12A
X7AH-01FXXN BEL-X7AH-01FXXN Datasheet
69Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com