Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X7BA-06E2AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # X7BA-06E2AX
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

X7BA-06E2AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  X7BA-06E2AX Datasheet HTML 1Page - Bel Fuse Inc. X7BA-06E2AX Datasheet HTML 2Page - Bel Fuse Inc. X7BA-06E2AX Datasheet HTML 3Page - Bel Fuse Inc. X7BA-06E2AX Datasheet HTML 4Page - Bel Fuse Inc. X7BA-06E2AX Datasheet HTML 5Page - Bel Fuse Inc. X7BA-06E2AX Datasheet HTML 6Page - Bel Fuse Inc. X7BA-06E2AX Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-14V Input
0.75V-5.0V/6A Output
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
Vo, set
≤ 3.3V
Vo, set = 5.0V
4.5V
7.0V
12V
12V
14V
14V
Input Current (full load)
Vo=5.0V
Vo=3.3V
Vo=1.8V
Vo=0.75V
-
-
-
-
2.75A
1.85A
1.05A
0.55A
4.8A
4.8A
3.2A
1.8A
Input Current (no load)
Vo=5.0V
Vo=0.75V
-
-
-
-
100mA
20mA
Remote Off Input Current
-
3mA
5mA
Input Reflected Ripple Current (pk-pk)
-
120mA
200mA
Input Reflected Ripple Current (RMS)
-
60mA
100mA
Tested with two 100uF/25V input
Tantalum capacitors & simulated source
impedance of 1uH, 5Hz to 20MHz.
I
2t Inrush Current Transient
-
0.002A
2s
0.02A
2s
Turn-on Voltage Threshold
Vo, set
≤ 3.3V
Vo, set = 5.0V
-
-
4.3V
6.0V
4.5V
6.5V
Turn-off Voltage Threshold
Vo, set
≤ 3.3V
Vo, set = 5.0V
-
-
4.0V
5.5V
4.3V
6.0V
Shut down or below 90% set point.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2%Vo,set
-
2%Vo,set
Vin=12V, full load
Output Voltage Set Point
1
-2.5%Vo,set
-
3.5%Vo,set
Load Regulation
-0.7%Vo,set
0.4%Vo,set
0.7%Vo,set
Io=Io, min to Io, max
Line Regulation
-0.7%Vo,set
0.3%Vo,set
0.7%Vo,set
Vin=Vin, min to Vin, max
Regulation Over Temperature
(-40
°C to +85°C)
-
0.5%Vo,set
-
Tref=Ta, min to Ta, max
Output Current
0A
-
6A
Current Limit Threshold
6.8A
-
15A
Short Circuit Surge Transient
-
0.25A
2s
-
Ripple and Noise (pk-pk)
Vo=5.0V
Vo=3.3V
Vo=0.75V
-
-
-
100mV
80mV
35mV
140mV
120mV
70mV
Ripple and Noise (RMS)
Vo=5.0V
Vo=3.3V
Vo=0.75V
-
-
-
35mV
25mV
10mV
50mV
40mV
15mV
Tested with 0-20MHz, with
10uF/10V tantalum capacitor &
1uF/10V ceramic capacitor at the
output
Turn on Time
-
6mS
12mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
ESR
≥ 1mohm
ESR
≥ 10mohm
0uF
0uF
-
-
1000uF
2200uF
Transient Response
50% ~ 100% Max Load
-
200mV
350mV
Settling Time
-
25uS
50uS
100% ~ 50% Max Load
-
200mV
350mV
Settling Time
VO = 0.75V
-5.0V
-
25uS
50uS
di/dt=2.5A/uS; Vin=12V; and with
10uF/10V tantalum capacitor &
1uF/10V ceramic capacitor at the
output.
Notes
: All specifications are typical at nominal input (Vin=12V), full load at 25°C unless otherwise stated.
1. Over all operating input voltages, resistive loads and temperature conditions.


Similar Description - X7BA-06E2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
V7BA-06A2AX BEL-V7BA-06A2AX Datasheet
155Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
X7AH-08E BEL-X7AH-08E Datasheet
141Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com