Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7BA-06E2AX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # S7BA-06E2AX
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7BA-06E2AX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  S7BA-06E2AX Datasheet HTML 1Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 2Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 3Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 4Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 5Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 6Page - Bel Fuse Inc. S7BA-06E2AX Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-14V Input
0.75V-5.0V/6A Output
Efficiency Data
MODULE 5.0V
0.0%
20.0%
40.0%
60.0%
80.0%
100.0%
1A
2A
3A
4A
5A
OUTPUT CURRENT
7.0V
12.0V
14.0V
MODULE 3.3V
0.0%
20.0%
40.0%
60.0%
80.0%
100.0%
1A
2A
3A
4A
5A
OUTPUT CURRENT
4.5V
12.0V
14.0V
MODULE 1.8V
60.0%
70.0%
80.0%
90.0%
100.0%
0.6A
1.5A
3.0A
4.5A
6.0A
OUTPUT CURRENT
4.5V
12.0V
14.0V
MODULE 0.75V
50.0%
60.0%
70.0%
80.0%
90.0%
0.6A
1.5A
3.0A
4.5A
6.0A
OUTPUT CURRENT
4.5V
12.0V
14.0V


Similar Part No. - S7BA-06E2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7BA-06F2A0 BEL-S7BA-06F2A0 Datasheet
149Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
S7BA-06F2AL BEL-S7BA-06F2AL Datasheet
149Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
S7BA-06F2AX BEL-S7BA-06F2AX Datasheet
149Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - S7BA-06E2AX

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
V7BA-06A2AX BEL-V7BA-06A2AX Datasheet
155Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/6A Output
V7BA-03A1AX BEL-V7BA-03A1AX Datasheet
179Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3V-14V Input 0.75V-5.0V/3A Output
V7BA-06A1AX BEL-V7BA-06A1AX Datasheet
162Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 10V-14V Input 0.75V-6.0V/6A Output
X7AH-06E BEL-X7AH-06E Datasheet
157Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
X7PB-06F1AX BEL-X7PB-06F1AX Datasheet
185Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input 0.75V-3.63V/6A Output
X7AH-08E BEL-X7AH-08E Datasheet
141Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.8V-5.5V/8A Output
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com