Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7AH-10J100 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # V7AH-10J100
Description  NON-ISOLATED DC/DC CONVERTERS 2.5V Input 0.9V-1.65V/10A Output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7AH-10J100 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  V7AH-10J100 Datasheet HTML 1Page - Bel Fuse Inc. V7AH-10J100 Datasheet HTML 2Page - Bel Fuse Inc. V7AH-10J100 Datasheet HTML 3Page - Bel Fuse Inc. V7AH-10J100 Datasheet HTML 4Page - Bel Fuse Inc. V7AH-10J100 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.5V Input
0.9V-1.65V/10A Output
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
Vo=1.5V
Vo=1.2V
Vo=1.0V
1.470V
1.176V
0.980V
1.5V
1.2V
1.0V
1.530V
1.224V
1.020V
Test conditions:
Vin=2.5V, Io=full load
Line Regulation
Vo=1.5V
Vo=1.2V
Vo=1.0V
-
-
-
2mV
2mV
2mV
5mV
5mV
5mV
Load Regulation
Vo=1.5V
Vo=1.2V
Vo=1.0V
-
-
-
5mV
5mV
5mV
10mV
10mV
10mV
Regulation Over Temperature
(-40
°C to +85°C)
Vo=1.5V
Vo=1.2V
Vo=1.0V
-
-
-
13mV
10mV
9mV
25mV
20mV
20mV
Output Current
0A
-
10A
Current Limit Threshold
13A
-
25A
Short Circuit Surge Transient
Vo=1.5V
Vo=1.2V
Vo=1.0V
-
-
-
0.5A
2s
0.5A
2s
0.5A
2s
1.5A
2s
1.5A
2s
1.5A
2s
Ripple and Noise (RMS)
-
15mV
25mV
Ripple and Noise (pk-pk)
-
50mV
100mV
Test conditions:
0-20MHz BW, with a 1uF
ceramic capacitor at the
output.
Turn on Time
-
1mS
2mS
Overshoot at Turn on
-
0%
3%
Output Capacitance
220uF
-
4000uF
Transient Response
Overshoot
-
90mV
125mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
90mV
125mV
100% ~ 50%
Max Load
Settling Time
VO=1.5V
-
30uS
60uS
Overshoot
-
80mV
120mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
80mV
120mV
100% ~ 50%
Max Load
Settling Time
VO=1.2V
-
30uS
60uS
Overshoot
-
80mV
120mV
50% ~ 100%
Max Load
Settling Time
-
30uS
60uS
Overshoot
-
80mV
120mV
100% ~ 50%
Max Load
Settling Time
VO=1.0V
-
30uS
60uS
Test conditions:
di/dt = 0.5A/uS; Vin =
2.5V; with a 220uF
tantalum capacitor at the
output.
Note:
All specifications are typical at nominal input, full load at 25°C unless otherwise stated.


Similar Part No. - V7AH-10J100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7AH-10J100 BEL-V7AH-10J100 Datasheet
135Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
More results

Similar Description - V7AH-10J100

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPB-10C BEL-VRPB-10C Datasheet
229Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
V7PB-10C BEL-V7PB-10C Datasheet
222Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 10A
S7AH-07C BEL-S7AH-07C Datasheet
254Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
X7AH-03C1A0 BEL-X7AH-03C1A0 Datasheet
155Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input 0.9V-2.5V/3A Output
V7PB-10B BEL-V7PB-10B Datasheet
242Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
VRPB-10B BEL-VRPB-10B Datasheet
248Kb / 18P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 10A
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
V7PC-10C BEL-V7PC-10C Datasheet
332Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
VRPC-10C BEL-VRPC-10C Datasheet
259Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.5 - 2.5V Output / 10A
S7AH-10J BEL-S7AH-10J Datasheet
135Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com