Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V7PF-20A1A0 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # V7PF-20A1A0
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PF-20A1A0 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  V7PF-20A1A0 Datasheet HTML 1Page - Bel Fuse Inc. V7PF-20A1A0 Datasheet HTML 2Page - Bel Fuse Inc. V7PF-20A1A0 Datasheet HTML 3Page - Bel Fuse Inc. V7PF-20A1A0 Datasheet HTML 4Page - Bel Fuse Inc. V7PF-20A1A0 Datasheet HTML 5Page - Bel Fuse Inc. V7PF-20A1A0 Datasheet HTML 6Page - Bel Fuse Inc. V7PF-20A1A0 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input
0.9V-5.0V/20A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency (Current Source)
Vo=5.0V
Vo=3.3V
Vo=2.5V
Vo=0.9V
89%
86%
83%
65%
92%
89%
86%
69%
-
-
-
-
Efficiency (Current Sink)
Vo=2.5V
Vo=0.9V
79%
60%
82%
63%
-
-
Measured at Vin=12V, full load.
Switching Frequency
240KHz
275KHz
310KHz
Output Voltage Trim Range
0.9V
-
5.0V
Vo=0.9V when the Trim pin is open.
MTBF
5,570,000 hours
Calculated Per Bell Core TR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.2 x 1.1 x 0.457
30.48 x 27.94 x 11.6
V7PF-20A1A0
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
1.2 x 1.1 x 0.508
30.48 x 27.94 x 12.91
07PF-20A1A0
Weight
-
15g
-
Note
: All specifications are typical at 25°C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.3V
-
0.8V
Signal High (Unit On)
2.4V
-
13.8V
Remote On/Off pin open, unit on.
Power Good
Power Good Delay
1
-
-
8mS
Note
: All specifications are typical at 25°C unless otherwise stated.
1. the power good signal is an open collector output. When the output of the module reaches 90% of the
nominal set point, the power good pin is set high.
Output Trim Equations
Equation for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up resistor should be connected between the Trim pin and Ground. Trim values should not be less than
280Ω.
9
.
0
17
.
1
=
adj
trim
V
R
Equation for calculating the trim voltage (in V) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up voltage should be connected between the Trim pin and Ground.
)
9
.
0
(
17
.
1
)
17
.
1
3
.
1
(
×
×
=
adj
V
Rs
Vt
Rs
Rt
Rtrim
Module
Vout
GND
Trim
Vt
Module
Vout
GND
Trim
Rt
Rs


Similar Part No. - V7PF-20A1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
V7PF-15A1A0 BEL-V7PF-15A1A0 Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
V7PF-15A1AC BEL-V7PF-15A1AC Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
V7PF-15A1AC BEL-V7PF-15A1AC Datasheet
287Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12V Input 1.2V-5.0V/15A Output
V7PF-15B1AC BEL-V7PF-15B1AC Datasheet
175Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5.0 V Input 1.2 V-3.3 V/15 A Output
More results

Similar Description - V7PF-20A1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com