Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07PF-20A1A0 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # 07PF-20A1A0
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07PF-20A1A0 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  07PF-20A1A0 Datasheet HTML 1Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 2Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 3Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 4Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 5Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 6Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input
0.9V-5.0V/20A Output
Thermal Derating Curves
Vo=5V; Vin=12V
Vo=2.5V; Vin=12V
Vo=0.9V; Vin=12V


Similar Part No. - 07PF-20A1A0

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
07P101-P034 ROSENBERGER-07P101-P034 Datasheet
505Kb / 3P
   RPC-7 Airline
07P101-P041 ROSENBERGER-07P101-P041 Datasheet
1Mb / 3P
   RPC-7 Airline
07P101-P068 ROSENBERGER-07P101-P068 Datasheet
1Mb / 3P
   RPC-7 Airline
07P101-P100 ROSENBERGER-07P101-P100 Datasheet
1,008Kb / 3P
   RPC-7 Airline
07P121-000 ROSENBERGER-07P121-000 Datasheet
581Kb / 1P
   RPC-7 Center contact
More results

Similar Description - 07PF-20A1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com