Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07PF-20A1A0 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 07PF-20A1A0
Description  NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

07PF-20A1A0 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  07PF-20A1A0 Datasheet HTML 1Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 2Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 3Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 4Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 5Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 6Page - Bel Fuse Inc. 07PF-20A1A0 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12V Input
0.9V-5.0V/20A Output
Non-Isolated
Wide Trim Range
Fixed Frequency (275KHz)
Converter Can Sink and Source
High Efficiency
Current
High Power Density
OCP/SCP
Power Good Output Signal (open
collector)
Under-Voltage Lockout (UVLO)
Remote On/Off
Low Cost
Description
The Bel x7PF-20A1A0 is a new high density open frame non-isolated converter series for space sensitive
applications. Each model has a wide input range (10.2V-13.8V) and offers a wide range of output voltage (0.9V
- 5.0V) with a 20A load. An external resistor adjusts the output voltage from its pre-set value of 0.9V to any
value up to the 5.0V maximum. Typical efficiency is 92% at Vo=5V, Vin=12V at full load. Typical features
include remote on/off, under-voltage lockout, over-current protection and short circuit protection.
Part Selection
Output
Voltage
Input
Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Vertical Mount
Model Number
Horizontal Mount
0.9V – 5.0V
12V
20A
100W
92%
V7PF-20A1A0
07PF-20A1A0
Note
: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Notes
Input Voltage (continuous)
-0.3V
-
13.8V
Output Enable Terminal Voltage
-0.3V
-
13.8V
Ambient Temperature
0
°C
-
80
°C
Storage Temperature
-40
°C
-
125
°C
Input Specifications
Parameter
Min
Typ
Max
Notes
Input Voltage
10.2V
-
13.8V
Input Current (Source)
Vo=5.0V
Vo=2.5V
Vo=0.9V
-
-
-
9.1A
4.9A
2.2A
-
-
-
Input Current (Sink)
Vo=2.5V
Vo=0.9V
-
-
-3.44A
-0.97 A
-
-
Able to sink 20A output current at any
output voltage up to and including 2.5V.
Input Current (No Load)
-
95mA
-
Remote Off Input Current
-
5mA
10mA
x7PF-20A1A0


Similar Part No. - 07PF-20A1A0

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
07P101-P034 ROSENBERGER-07P101-P034 Datasheet
505Kb / 3P
   RPC-7 Airline
07P101-P041 ROSENBERGER-07P101-P041 Datasheet
1Mb / 3P
   RPC-7 Airline
07P101-P068 ROSENBERGER-07P101-P068 Datasheet
1Mb / 3P
   RPC-7 Airline
07P101-P100 ROSENBERGER-07P101-P100 Datasheet
1,008Kb / 3P
   RPC-7 Airline
07P121-000 ROSENBERGER-07P121-000 Datasheet
581Kb / 1P
   RPC-7 Center contact
More results

Similar Description - 07PF-20A1A0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-02A BEL-S7AH-02A Datasheet
329Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-02A BEL-SRAH-02A Datasheet
336Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
SRAH-05A BEL-SRAH-05A Datasheet
511Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
S7AH-05A BEL-S7AH-05A Datasheet
504Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 5A
V7PF-15A BEL-V7PF-15A Datasheet
74Kb / 2P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 15A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-03A BEL-S7AH-03A Datasheet
165Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
SRAH-03A BEL-SRAH-03A Datasheet
173Kb / 15P
   NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5V - 5.0V Output / 3A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com