Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S7AH-06E120 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # S7AH-06E120
Description  NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 1.0V-5.0V/6A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7AH-06E120 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  S7AH-06E120 Datasheet HTML 1Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 2Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 3Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 4Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 5Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 6Page - Bel Fuse Inc. S7AH-06E120 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
4.5V-13.2V Input
1.0V-5.0V/6A Output
Output Specifications (continued)
Parameter
Min
Typ
Max
Notes
Regulation Over Temperature
(-40
°C to 85°C)
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
-
±15mV
±10mV
±10mV
±8mV
±6mV
±5mV
±5mV
±30mV
±20mV
±20mV
±15mV
±12mV
±10mV
±8mV
Output Current
0A
-
6A
Current Limit Threshold
7A
-
15A
Latch Off
Short Circuit Surge Transient
-
0.003A
2s
0.006A
2s
Latch Off
Ripple and Noise (RMS)
-
30mV
50mV
Ripple and Noise (pk-pk)
50mV
100mV
BW = 0-20MHz; with 1uF
ceramic capacitor & 10uF
Aluminum capacitor at the
output.
Turn on Time
-
-
30mS
Overshoot at Turn on
-
3%
7%
Output Capacitance
0uF
-
2400uF
Transient Response
Overshoot
-
150mV
200mV
50% ~ 100%
Max Load
Settling Time
-
100uS
150uS
Overshoot
-
150mV
200mV
100% ~ 50%
Max Load
Settling Time
VO=1.0V -
5.0V
-
100uS
150uS
di/dt = 0.5A/uS; Vin = 8V;
with a 220uF Tantalum
capacitor at the output.
Note:
All specifications are typical at 8V input, full load at 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
VO=5.0V
VO=3.3V
VO=2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1.0V
91%
88%
86%
83%
81%
78%
76%
94%
91%
89%
86%
84%
81%
79%
-
-
-
-
-
-
-
Measured at Vin=8V, full load
Switching Frequency
340KHz
400KHz
460KHz
Output Trim Range
90%VO
-
110%VO
MTBF
6,922,389 hours
Calculated Per Bell Core TR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.7 x 0.32
19.812 x 17.78 x 8.128
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.7 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5.5g
-
Note
: All specifications are typical at 25°C unless otherwise stated.


Similar Part No. - S7AH-06E120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7AH-06E BEL-S7AH-06E Datasheet
146Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 4.5 - 13.2V Input / 1.0 - 3.3V Output / 6A
More results

Similar Description - S7AH-06E120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
X7AH-03EXX0 BEL-X7AH-03EXX0 Datasheet
136Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/3A Output
V7PB-15E BEL-V7PB-15E Datasheet
179Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-13.2V Input 0.9V-5.0V/15A Output
X7BA-06E2AX BEL-X7BA-06E2AX Datasheet
218Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
V7PB-10D BEL-V7PB-10D Datasheet
191Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0V-13.2V Input 0.9V-5.0V/10A Output
S7AH-06E BEL-S7AH-06E Datasheet
146Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 4.5 - 13.2V Input / 1.0 - 3.3V Output / 6A
X7AH-03H BEL-X7AH-03H Datasheet
130Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/3A Output
X7AH-01HXX0 BEL-X7AH-01HXX0 Datasheet
159Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-32V Input 1.2V-5.0V/1A Output
V7BA-03E1AX BEL-V7BA-03E1AX Datasheet
140Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/3A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com